Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65155 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65155
Description  LCD Bias Solution with Level Shifters for GOA Panels
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65155 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS65155 Datasheet HTML 15Page - Texas Instruments TPS65155 Datasheet HTML 16Page - Texas Instruments TPS65155 Datasheet HTML 17Page - Texas Instruments TPS65155 Datasheet HTML 18Page - Texas Instruments TPS65155 Datasheet HTML 19Page - Texas Instruments TPS65155 Datasheet HTML 20Page - Texas Instruments TPS65155 Datasheet HTML 21Page - Texas Instruments TPS65155 Datasheet HTML 22Page - Texas Instruments TPS65155 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
(
)
(
)
´
-
-
GH(MAX)
AVDD
F
CE
V
= 2
V
2 × V
V
(
)
(
)
é
ù
´
-
´
-
´
ë
û
Q
AVDD
F
GH
GH
P =
2
V
2
V
V
I
´
D
GH
F
P = I
V
TPS65155
www.ti.com
SLVSB29
– JANUARY 2012
A current of the order of 1 mA through the feedback resistor network ensures good accuracy and increases the
circuit's immunity to noise. It also ensures a minimum load on the charge pump, which reduces output voltage
ripple under no-load conditions. A good approach is to assume a value of about 1.2 k for the lower resistor (R16)
and then select the upper resistor (R15) to set the desired output voltage.
Note that the maximum voltage in an application is determined by the boost converter's output voltage and the
voltage drop across the diodes and PNP transistor. For a typical application in which the positive charge pump is
configured as a voltage doubler, the maximum output voltage is given by Equation 6.
(6)
Where VAVDD is the output voltage of the boost converter, VF is the forward voltage of each diode and VCE is the
collector-emitter voltage of the PNP transistor (recommended to be at least 1 V, to avoid transistor saturation).
Selecting the PNP Transistor (Positive Charge Pump)
The PNP transistor used to regulate VGH should have a DC gain (hFE) of at least 100 when its collector current is
equal to the charge pump's output current. The transistor should also be able to withstand voltages up to VGH
across its collector-emitter junction (VCE).
The power dissipated in the transistor is given by Equation 7. The transistor must be able to dissipate this power
without its junction becoming too hot. Note that the ability to dissipate power depends heavily on adequate PCB
thermal design.
(7)
Where IGH is the mean (not RMS) output current drawn from the charge pump.
A pull-up resistor is also required between the transistor's base and emitter. The value of this resistor is not
critical, but it should be large enough not to divert significant current away from the base of the transistor. A
value of 100 k
Ω is suitable for most applications.
Selecting the Diodes (Positive Charge Pump)
Small-signal diodes can be used for most low current applications (
<50 mA) and higher rated diodes for higher
power applications. The average current through the diode is equal to the output current, so that the power
dissipated in the diode is given by Equation 8.
(8)
The peak current through the diode occurs during start-up and for a few cycles may be as high as a few amps.
However, this condition typically lasts for
<1 ms and can be tolerated by many diodes whose repetitive current
rating is much lower. The diodes' reverse voltage rating should be equal to two times VAVDD.
Table 3. Positive Charge Pump Diode Selection
PART NUMBER
IAVG
IPK
VR
VF
COMPONENT SUPPLIER
BAV99W
150 mA
1 A for 1 ms
75 V
1 V at 50 mA
NXP
BAT54S
200 mA
600 mA for 1s
30 V
0.8 V at 100 mA
Fairchild Semiconductor
MBR0540
500 mA
5.5 A for 8 ms
40 V
0.51 at 500 mA
Fairchild Semiconductor
Selecting the Capacitors (Positive Charge Pump)
For lowest output voltage ripple, low-ESR ceramic capacitors are recommended. The actual value is not critical
and values in the range 1
µF to 10 µF are suitable for most applications. Larger capacitors provide better
performance in applications where large load transient currents are present.
A flying capacitor in the range 100 nF to 1
µF is suitable for most applications. Larger values experience a
smaller voltage drop by the end of each switching cycle, and allow higher output voltages and/or currents to be
achieved. Smaller values tend to be physically smaller and a bit cheaper. For best performance, it is
recommended to include a resistor of a few ohms (2
Ω is a good value to start with) in series with the flying
capacitor to limit peak currents occurring at the instant of switching.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TPS65155


Similar Part No. - TPS65155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65150 TI-TPS65150 Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150-Q1 TI-TPS65150-Q1 Datasheet
706Kb / 27P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150PWP TI-TPS65150PWP Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150PWP TI1-TPS65150PWP Datasheet
1Mb / 47P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC
TPS65150PWPG4 TI-TPS65150PWPG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
More results

Similar Description - TPS65155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
logo
Global Mixed-mode Techn...
G5520 GMT-G5520 Datasheet
140Kb / 1P
   Bias Power Supply for TFT LCD Panels
G5520A GMT-G5520A Datasheet
186Kb / 1P
   Bias Power Supply for TFT LCD Panels
logo
Texas Instruments
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
logo
Global Mixed-mode Techn...
G1581 GMT-G1581 Datasheet
49Kb / 1P
   8 Channel Voltage Level Shifters for TFT LCD
logo
Texas Instruments
TPS65162 TI-TPS65162 Datasheet
1Mb / 36P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
logo
Global Mixed-mode Techn...
G1580 GMT-G1580 Datasheet
154Kb / 1P
   Level Shifters and Voltage Buffers for TFT LCD Panel
logo
Texas Instruments
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com