Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62125DSGT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62125DSGT
Description  3V-17V, 300mA Step Down Converter With Adjustable Enable Threshold And Hysteresis
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62125DSGT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62125DSGT Datasheet HTML 2Page - Texas Instruments TPS62125DSGT Datasheet HTML 3Page - Texas Instruments TPS62125DSGT Datasheet HTML 4Page - Texas Instruments TPS62125DSGT Datasheet HTML 5Page - Texas Instruments TPS62125DSGT Datasheet HTML 6Page - Texas Instruments TPS62125DSGT Datasheet HTML 7Page - Texas Instruments TPS62125DSGT Datasheet HTML 8Page - Texas Instruments TPS62125DSGT Datasheet HTML 9Page - Texas Instruments TPS62125DSGT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Gate Driver
Anti
Shoot-Through
Peak Current
Limit Comparator
SW
Softstart
Limit
High Side
VIN
GND
Zero Current
Comparator
PMOS
NMOS
Thermal
Shutdown
V
TH_PG
FB
PG
PG Comparator
V
UVLO
VIN
EN
V
REF
ON/
SD
V
1.2V
REF
EN
EN_hys
GND
EN
Comparator
V
0.808V
REF_FB
EN_comp
UVLO
Comparator
Softstart
Control
Logic
FB
VOS
V
REF_FB
Comparator
Direct Control
& Compensation
fixed
VOUT
Error
amplifier
Min. On
Min. OFF
VIN
VOS
Timer
DCS
Control
DC-DC
ON/OFF
VIN
EN
FB
TPS62125
PG
L
SW
C
10 F (V
< 3.3V)
2x
6.7V)
OUT
OUT
µ
µ
µ
µ
10 F (3.3V< V
< 6.7V)
10 F+ 22 F ( V
>
OUT
OUT
V
OUT
V
IN
GND
R
1
R
2
VOS
C
10
IN
F
µ
R
pullup
PWR GOOD
EN_hys
EN
L: LPS3314 10 H, 15 H, LPS4018 22 H, VLF302515 15 H
C / C
: 10 F 0805/25V GRM21BR61E106
m
m
m
m
m
IN
OUT
=
=
22
GRM31CR61 16V X5R,
GRM21B 16V X5R
m
m
F
10 F
TPS62125
SLVSAQ5A – MARCH 2012 – REVISED APRIL 2012
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
PARAMETER MEASUREMENT INFORMATION
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS62125


Similar Part No. - TPS62125DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62125DSG TI1-TPS62125DSG Datasheet
425Kb / 17P
[Old version datasheet]   TPS62125EVM-044 Evaluation Module
More results

Similar Description - TPS62125DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62130 TI-TPS62130_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6213x 3V-17V 3A Step-Down Converter In 3x3 QFN Package
logo
Advanced Analogic Techn...
AAT2500M ANALOGICTECH-AAT2500M Datasheet
721Kb / 22P
   400mA Step-Down Converter and 300mA LDO
AAT3183 ANALOGICTECH-AAT3183_08 Datasheet
348Kb / 15P
   300mA Inductorless Step-Down Converter
logo
Texas Instruments
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
RT9179 RICHTEK-RT9179_08 Datasheet
138Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
logo
Texas Instruments
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
logo
Advanced Analogic Techn...
AAT3183 ANALOGICTECH-AAT3183 Datasheet
630Kb / 16P
   300mA Inductorless Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com