Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51601ADRBR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51601ADRBR
Description  Dual High Efficiency Synchronous MOSFET Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51601ADRBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS51601ADRBR Datasheet HTML 6Page - Texas Instruments TPS51601ADRBR Datasheet HTML 7Page - Texas Instruments TPS51601ADRBR Datasheet HTML 8Page - Texas Instruments TPS51601ADRBR Datasheet HTML 9Page - Texas Instruments TPS51601ADRBR Datasheet HTML 10Page - Texas Instruments TPS51601ADRBR Datasheet HTML 11Page - Texas Instruments TPS51601ADRBR Datasheet HTML 12Page - Texas Instruments TPS51601ADRBR Datasheet HTML 13Page - Texas Instruments TPS51601ADRBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PWM
DRVL
DRVH
tDLY(rise)
tNONOVLP
1.0 V
tDLY(fall)
tNONOVLP
1.0 V
UDG-11129
DRVL
turned OFF by
zero-crossing
tDLY(rise)
tDLY(fall)
PWM
DRVH
tNONOVLP
1.0 V
UDG-11131
TPS51601A
SLUSAP3 – MAY 2012
www.ti.com
DETAILED DESCRIPTION
UVLO
The TPS51601A includes an undervoltage lockout circuit that disables the driver and external power FETs in an
OFF state when the input supply voltage, (VVDD) is insufficient to drive external power FET reliably. During the
power-up sequence, both gate drive outputs remain low until the VDD voltage reaches UVLO-H threshold,
typically 3.7 V. Once the UVLO threshold is reached, the condition of the gate drive outputs is defined by the
input PWM and SKIP signals. During the power-down sequence, the UVLO threshold is set lower, typically 3.5 V.
PWM Input
Once the input supply voltage is above the UVLO threshold, the gate drive outputs are defined by the PWM input
and SKIP input. Prior to PWM going HIGH, both the gate drive outputs, (DRVH and DRVL) are held LOW. The
DRVL is LOW until the first PWM HIGH pulse to support pre-biased start-up. Once PWM goes HIGH for the first
time, DRVH goes HIGH. Then, when PWM goes LOW, DRVH goes LOW first. After the non-overlap time, DRVL
goes HIGH.
Figure 17. Continuous Conduction Mode
Figure 18. Discontinuous Conduction Mode
Waveforms
Waveforms
SKIP/FCCM Mode Operation
The TPS51601A can be configured in two ways. When used as the external driver for Phase 1, this pin connects
to the corresponding SKIP pin of the PWM controller. The SKIP pin is active low signal. This means when SKIP
is low, then the zero crossing detection circuit of the driver is active. When SKIP is high, the zero-crossing
detector is disabled and the converter operates in forced continuous conduction mode (FCCM).
Adaptive Zero-Crossing
The TPS51601A has an adaptive zero-crossing detector. Zero crossing accuracy is detected by checking the
switch-node voltage at an appropriate time after the low-side FET is turned OFF by DRVL going low. Then the
zero-crossing comparator offset is updated based on previous result. After several zero-crossing events, the
comparator offset is optimized to give the best efficiency.
Adaptive Dead-Time Control (Anti-Cross Conduction)
The TPS51601A has an adaptive dead-time control logic to minimize the non-overlap time between DRVH and
DRVL signals. The internal signal to the low-side driver goes HIGH only when the DRVH-SW voltage goes below
approximately 1 V and DRVH goes below approximately 1 V to ensure the high-side MOSFET has turned OFF.
Additional driver delays ensure that there is some non-overlap time between DRVH falling edge and DRVL rising
edge. Similarly, the internal signal to the DRVH goes high only after DRVL-GND goes below 1 V.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS51601A


Similar Part No. - TPS51601ADRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51604 TI-TPS51604 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS51604 TI-TPS51604 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604-Q1 TI-TPS51604-Q1 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604-Q1 TI-TPS51604-Q1_15 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604DSGR TI-TPS51604DSGR Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
More results

Similar Description - TPS51601ADRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC27221 TI1-UC27221 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27221 TI-UCC27221 Datasheet
488Kb / 27P
[Old version datasheet]   HIGH EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
logo
Microchip Technology
MCP14700 MICROCHIP-MCP14700 Datasheet
371Kb / 26P
   Dual Input Synchronous MOSFET Driver
2009
MCP14700 MICROCHIP-MCP14700_13 Datasheet
688Kb / 28P
   Dual Input Synchronous MOSFET Driver
11/29/12
logo
ON Semiconductor
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
   Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
logo
Richtek Technology Corp...
RT9625A RICHTEK-RT9625A Datasheet
212Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Richtek Technology Corp...
RT9625B RICHTEK-RT9625B Datasheet
200Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
RT9625A RICHTEK-RT9625A_15 Datasheet
175Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com