Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2062CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2062CD
Description  Dual Channel, Current-Limited, Power-Distribution Switches
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2062CD Datasheet(HTML) 2 Page - Texas Instruments

  TPS2062CD Datasheet HTML 1Page - Texas Instruments TPS2062CD Datasheet HTML 2Page - Texas Instruments TPS2062CD Datasheet HTML 3Page - Texas Instruments TPS2062CD Datasheet HTML 4Page - Texas Instruments TPS2062CD Datasheet HTML 5Page - Texas Instruments TPS2062CD Datasheet HTML 6Page - Texas Instruments TPS2062CD Datasheet HTML 7Page - Texas Instruments TPS2062CD Datasheet HTML 8Page - Texas Instruments TPS2062CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS2062C, TPS2066C
TPS2060C, TPS2064C
TPS2002C, TPS2003C
SLVSAX6C – OCTOBER 2011 – REVISED JUNE 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DEVICE INFORMATION(1)(2)
PACKAGE DEVICES(3)
MAXIMUM
OUTPUT
BASE PART
MSOP-8
OPERATING
ENABLE
MARKING
SOIC-8
SON-10
DISCHARGE
NUMBER
(DGN)
CURRENT
(D)
(DRC)
PowerPAD™
1
Low
Y
TPS2062C
VRBQ
1
High
Y
TPS2066C
VRDQ
1.5
Low
Y
TPS2060C
VRAQ
1.5
High
Y
TPS2064C
VRCQ
2
Low
Y
TPS2002C
VREQ
2
High
Y
TPS2003C
VRFQ
(1)
For the most current packaging and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package code for MSOP-8 is “DGN” and for SON is “DRC”.
(3)
“–” indicates the device is not available in this package.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VALUE
UNIT
MIN
MAX
Voltage range on IN, OUTx, ENx or ENx, FLTx(3)
–0.3
6
V
Voltage range from IN to OUT
–6
6
V
Maximum junction temperature, TJ
Internally Limited
°C
Human Body Model
2
kV
ESD
Charged Device Model
500
V
IEC 61000-4-2, Contact / Air(4)
8 / 15
kV
(1)
Absolute maximum ratings apply over recommended junction temperature range.
(2)
All voltages are with respect to GND unless otherwise noted.
(3)
See INPUT AND OUTPUT CAPACITANCE section.
(4)
VOUT was surged on a PCB with input and output bypassing per Figure 1 (except input capacitor was 22 µF) with no device failure.
THERMAL INFORMATION
D
DGN
DRC
THERMAL METRIC(1)(2)
UNITS
8 PINS
8 PINS
10 PINS
θJA
Junction-to-ambient thermal resistance
129.9
57.2
45.4
θJCtop
Junction-to-case (top) thermal resistance
83.5
110.5
58
θJB
Junction-to-board thermal resistance
70.4
60.7
21.1
°C/W
ψJT
Junction-to-top characterization parameter
36.6
7.8
1.9
ψJB
Junction-to-board characterization parameter
66.9
24
21.3
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
14.3
9.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS2062C TPS2066C TPS2060C TPS2064C TPS2002C TPS2003C


Similar Part No. - TPS2062CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2062CD TI1-TPS2062CD Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2062CDGN TI1-TPS2062CDGN Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2062CDGNR TI1-TPS2062CDGNR Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2062CDR TI1-TPS2062CDR Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2062CDRBR-2 TI1-TPS2062CDRBR-2 Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
More results

Similar Description - TPS2062CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2052C TI1-TPS2052C Datasheet
2Mb / 41P
[Old version datasheet]   Dual Channel, Current-Limited, Power-Distribution Switches
TPS2046 TI1-TPS2046_14 Datasheet
575Kb / 25P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2046 TI-TPS2046 Datasheet
410Kb / 23P
[Old version datasheet]   DUAL CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com