Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5432DDAR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5432DDAR
Description  2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5432DDAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS5432DDAR Datasheet HTML 2Page - Texas Instruments TPS5432DDAR Datasheet HTML 3Page - Texas Instruments TPS5432DDAR Datasheet HTML 4Page - Texas Instruments TPS5432DDAR Datasheet HTML 5Page - Texas Instruments TPS5432DDAR Datasheet HTML 6Page - Texas Instruments TPS5432DDAR Datasheet HTML 7Page - Texas Instruments TPS5432DDAR Datasheet HTML 8Page - Texas Instruments TPS5432DDAR Datasheet HTML 9Page - Texas Instruments TPS5432DDAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VSENSE - V
0
25
50
75
100
Vsense Rising
Vsense Falling
T = 25°C
J
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
170
190
210
230
250
270
290
V = 3.3 V
I
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
2.2
2.3
2.4
2.5
2.6
-50
-25
0
25
50
75
100
125
150
T - Junction Temperature - °C
J
55
60
65
70
75
80
85
90
95
100
105
V = 3.3 V
I
TPS5432
SLVSB89 – MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS CURVES (continued)
SWITCHING FREQUENCY
EA TRANSCONDUCTANCE
vs
vs
VSENSE
JUNCTION TEMPERATURE
Figure 5.
Figure 6.
EA TRANSCONDUCTANCE (SLOW START)
SLOW START CHARGE CURRENT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS5432


Similar Part No. - TPS5432DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54320RHL TI-TPS54320RHL Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54320RHLR TI-TPS54320RHLR Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
More results

Similar Description - TPS5432DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5432 TI-TPS5432_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
logo
Richtek Technology Corp...
RT8079 RICHTEK-RT8079 Datasheet
199Kb / 13P
   2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter
logo
Texas Instruments
TPS54318 TI-TPS54318 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54318 TI-TPS54318_1 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
logo
Richtek Technology Corp...
RT7277 RICHTEK-RT7277 Datasheet
311Kb / 14P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
   3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
logo
Monolithic Power System...
MPM3830 MPS-MPM3830 Datasheet
1Mb / 17P
   6V Input, 3A Module Synchronous Step-Down Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com