Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22912A Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS22912A
Description  Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22912A Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS22912A Datasheet HTML 12Page - Texas Instruments TPS22912A Datasheet HTML 13Page - Texas Instruments TPS22912A Datasheet HTML 14Page - Texas Instruments TPS22912A Datasheet HTML 15Page - Texas Instruments TPS22912A Datasheet HTML 16Page - Texas Instruments TPS22912A Datasheet HTML 17Page - Texas Instruments TPS22912A Datasheet HTML 18Page - Texas Instruments TPS22912A Datasheet HTML 19Page - Texas Instruments TPS22912A Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
30-May-2012
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
TPS22912CYZVR
ACTIVE
DSBGA
YZV
4
3000
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
TPS22912CYZVT
ACTIVE
DSBGA
YZV
4
250
Green (RoHS
& no Sb/Br)
SNAGCU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - TPS22912A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22910AYZVR TI1-TPS22910AYZVR Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22910AYZVT TI1-TPS22910AYZVT Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913A TI1-TPS22913A Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results

Similar Description - TPS22912A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
APE8991A A-POWER-APE8991A Datasheet
1Mb / 11P
   ULTRA- LOW ON RESISTANCE, 4A LOAD SWITCH WITH CONTROLLED TURN-ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com