Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2025D1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2025D1
Description  2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2025D1 Datasheet(HTML) 3 Page - Texas Instruments

  TPA2025D1 Datasheet HTML 1Page - Texas Instruments TPA2025D1 Datasheet HTML 2Page - Texas Instruments TPA2025D1 Datasheet HTML 3Page - Texas Instruments TPA2025D1 Datasheet HTML 4Page - Texas Instruments TPA2025D1 Datasheet HTML 5Page - Texas Instruments TPA2025D1 Datasheet HTML 6Page - Texas Instruments TPA2025D1 Datasheet HTML 7Page - Texas Instruments TPA2025D1 Datasheet HTML 8Page - Texas Instruments TPA2025D1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPA2025D1
www.ti.com
SLOS717A
– AUGUST 2011 – REVISED FEBRUARY 2012
PIN FUNCTIONS
PIN
INPUT/ OUTPUT/
DESCRIPTION
POWER
NAME
WCSP
(I/O/P)
PVDD
A1
O
Boost converter output and Class-D power stage supply voltage.
SW
A2
I
Boost converter switch input; connect boost inductor between VBAT and SW.
BGND
A3
P
Boost converter power ground.
OUT+
B1
O
Positive audio output.
AGC
B2
I
AGC inflection point select. Connect to VDD, GND or Float. Voltage at AGC pin is only
read at device power-up. A power cycle is required to change inflection points.
VBAT
B3
P
Supply voltage.
OUT
C1
O
Negative audio output.
EN
C2
I
Device enable; set to logic high to enable.
IN+
C3
I
Positive audio input.
PGND
D1
P
Class-D power ground.
AGND
D2
P
Analog ground.
IN
D3
I
Negative audio input.
ORDERING INFORMATION
TA
PACKAGED DEVICES(1)
PART NUMBER(2)
SYMBOL
12-ball, 1.53 mm
× 1.982 mm WSCP
TPA2025D1YZGR
TPA2025D1
–40°C to 85°C
12-ball, 1.53 mm
× 1.982 mm WSCP
TPA2025D1YZGT
TPA2025D1
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The YZG package is only available taped and reeled. The suffix
“R” indicates a reel of 3000, the suffix “T” indicates a reel of 250.
ABSOLUTE MAXIMUM RATINGS
Over operating free
–air temperature range, TA= 25°C (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
VBAT
–0.3
6
V
Input Voltage,
IN+, IN
–0.3
VBAT + 0.3
V
VI
Output continuous total power dissipation
See the Thermal
Information Table
Operating free-air temperature range, TA
–40
85
°C
Operating junction temperature range, TJ
–40
150
°C
Storage temperature range, TSTG
–65
150
°C
Minimum load resistance
3.2
HBM
2000
V
ESD
CDM
500
V
Protection
MM
100
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute
–maximum–rated conditions for extended periods may affect device reliability.
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPA2025D1


Similar Part No. - TPA2025D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1 Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
TPA2025D1YZG TI1-TPA2025D1YZG Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
TPA2025D1YZGR TI1-TPA2025D1YZGR Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2025D1YZGT TI1-TPA2025D1YZGT Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
TPA2025D1 TI1-TPA2025D1_14 Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results

Similar Description - TPA2025D1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com