Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBT3906S Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SMBT3906S
Description  PNP Silicon Switching Transistor Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBT3906S Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SMBT3906S Datasheet HTML 1Page - Siemens Semiconductor Group SMBT3906S Datasheet HTML 2Page - Siemens Semiconductor Group SMBT3906S Datasheet HTML 3Page - Siemens Semiconductor Group SMBT3906S Datasheet HTML 4Page - Siemens Semiconductor Group SMBT3906S Datasheet HTML 5Page - Siemens Semiconductor Group SMBT3906S Datasheet HTML 6Page - Siemens Semiconductor Group SMBT3906S Datasheet HTML 7Page - Siemens Semiconductor Group SMBT3906S Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SMBT 3906S
Semiconductor Group
Sep-07-1998
1
PNP Silicon Switching Transistor Array
• High DC current gain: 0.1mA to 100mA
• Low collector-emitter saturation voltage
• Two ( galvanic) internal isolated Transistors
with high matching in one package
• Complementary type: SMBT 3904S (NPN)
VPS05604
6
3
1
5
4
2
Type
Marking Ordering Code
Package
Pin Configuration
1/4=E1/E2
s2A
SMBT 3906S
2/5=B1/B2 3/6=C2/C1 SOT-363
Q62702-A1202
Maximum Ratings
Unit
Parameter
Symbol
Value
Collector-emitter voltage
VCEO
V
40
40
Collector-base voltage
VCBO
Emitter-base voltage
6
VEBO
DC collector current
IC
mA
200
250
mW
Total power dissipation,
TS = 115 °C
Ptot
°C
Tj
Junction temperature
150
Storage temperature
Tstg
- 65...+150
Thermal Resistance
Junction ambient
1)
RthJA
≤275
K/W
Junction - soldering point
RthJS
≤140
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 0.5cm 2 Cu
Semiconductor Group
1
1998-11-01


Similar Part No. - SMBT3906S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBT3906S INFINEON-SMBT3906S Datasheet
76Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
SMBT3906S INFINEON-SMBT3906S Datasheet
888Kb / 13P
   High DC current gain: 0.1 mA to 100 mA Low collector-emitter saturation voltage
2008-02-29
SMBT3906S INFINEON-SMBT3906S Datasheet
892Kb / 12P
   PNP Silicon Switching Transistors
2012-08-21
More results

Similar Description - SMBT3906S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBT3906S INFINEON-SMBT3906S Datasheet
76Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
SMBT3906U INFINEON-SMBT3906U Datasheet
77Kb / 8P
   PNP Silicon Switching Transistor Array
Nov-30-2001
SMBT3904PN INFINEON-SMBT3904PN Datasheet
217Kb / 7P
   NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904UPN INFINEON-SMBT3904UPN Datasheet
217Kb / 7P
   NPN/PNP Silicon Switching Transistor Array
Aug-21-2002
SMBT3904PN INFINEON-SMBT3904PN_12 Datasheet
853Kb / 9P
   NPN / PNP Silicon Switching Transistor Array
2012-08-21
BC807U INFINEON-BC807U Datasheet
45Kb / 4P
   PNP Silicon Transistor Array
Nov-29-2001
BCM856S INFINEON-BCM856S Datasheet
191Kb / 8P
   PNP Silicon AF Transistor Array
Aug-30-2002
BCR183U INFINEON-BCR183U Datasheet
115Kb / 4P
   PNP Silicon Digital Transistor Array
Dec-13-2001
BC856U INFINEON-BC856U Datasheet
58Kb / 6P
   PNP Silicon AF Transistor Array
Nov-29-2001
BC857S INFINEON-BC857S Datasheet
57Kb / 6P
   PNP Silicon AF Transistor Array
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com