Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320DAC3203IYZKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320DAC3203IYZKR
Description  Ultra Low Power Stereo Audio Codec With Integrated Headphone Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320DAC3203IYZKR Datasheet(HTML) 5 Page - Texas Instruments

  TLV320DAC3203IYZKR Datasheet HTML 1Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 2Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 3Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 4Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 5Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 6Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 7Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 8Page - Texas Instruments TLV320DAC3203IYZKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
TLV320DAC3203
www.ti.com
SLOS756 – MAY 2012
TERMINAL FUNCTIONS (continued)
TERMINAL
NAME
TYPE
DESCRIPTION (1) (2)
QFN PIN
WCSP
BALL
13
D3
AVDD
Power
Analog voltage supply 1.5V–1.95V
Input when A-LDO disabled,
Filtering output when A-LDO enabled
14
E4
AVSS
Ground
Analog ground supply
15
E5
INL
I
Left Analog Bypass Input
16
E3
INR
I
Right Analog Bypass Input
17
E2
REF
O
Reference voltage output for filtering
18
D2
MICBIAS
O
Microphone bias voltage output
19
E1
SPI_ SELECT
I
Control mode select pin ( 1 = SPI, 0 = I2C )
20
C2
RESET
I
Reset (active low)
21
D1
DVSS
Ground
Digital Ground and Chip-substrate
22
C1
DVDD
Power
Digital voltage supply 1.26V–1.95V
23
B1
IOVSS
Ground
I/O ground supply
24
C3
IOVDD
Power
I/O voltage supply 1.1V – 3.6V
n/a
C4
GPIO/MFP5
I
Primary
General Purpose digital IO
Secondary
CLKOUT Output
INT1 Output
INT2 Output
Audio serial data bus ADC word clock output
Audio serial data bus (secondary) bit clock output
Audio serial data bus (secondary) word clock output
Digital microphone clock output
Copyright © 2012, Texas Instruments Incorporated
5


Similar Part No. - TLV320DAC3203IYZKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
TLV320DAC3202CYZJR TI1-TLV320DAC3202CYZJR Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
TLV320DAC3202CYZJT TI1-TLV320DAC3202CYZJT Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
More results

Similar Description - TLV320DAC3203IYZKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
1Mb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
logo
STMicroelectronics
STW5095 STMICROELECTRONICS-STW5095_07 Datasheet
844Kb / 73P
   Low-power asynchronous stereo audio Codec with integrated power amplifiers
STW5095 STMICROELECTRONICS-STW5095 Datasheet
667Kb / 69P
   Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9856 MAXIM-MAX9856 Datasheet
672Kb / 46P
   Low-Power Audio CODEC with DirectDrive Headphone Amplifiers
Rev 2; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com