Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5948ADBQ Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5948ADBQ
Description  16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5948ADBQ Datasheet(HTML) 4 Page - Texas Instruments

  TLC5948ADBQ Datasheet HTML 1Page - Texas Instruments TLC5948ADBQ Datasheet HTML 2Page - Texas Instruments TLC5948ADBQ Datasheet HTML 3Page - Texas Instruments TLC5948ADBQ Datasheet HTML 4Page - Texas Instruments TLC5948ADBQ Datasheet HTML 5Page - Texas Instruments TLC5948ADBQ Datasheet HTML 6Page - Texas Instruments TLC5948ADBQ Datasheet HTML 7Page - Texas Instruments TLC5948ADBQ Datasheet HTML 8Page - Texas Instruments TLC5948ADBQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
TLC5948A
SBVS192 – MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C and VCC = 3 V to 5.5 V. Typical values at TA = +25°C and VCC = 3.3 V, unless otherwise noted.
TLC5948A
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-level output voltage
VOH
IOH = –2 mA
VCC – 0.4
VCC
V
(SOUT)
Low-level output voltage
VOL
IOL = 2 mA
0.4
V
(SOUT)
VLOD0
All OUTn = on, detection voltage code = 0h
0.25
0.30
0.35
V
VLOD1
All OUTn = on, detection voltage code = 1h
0.55
0.6
0.65
V
LED open-detection threshold
VLOD2
All OUTn = on, detection voltage code = 2h
0.85
0.9
0.95
V
VLOD3
All OUTn = on, detection voltage code = 3h
1.15
1.2
1.25
V
VLSD0
All OUTn = on, detection voltage code = 0h
0.30 × VCC
0.35 × VCC
0.40 × VCC
V
VLSD1
All OUTn = on, detection voltage code = 1h
0.40 × VCC
0.45 × VCC
0.50 × VCC
V
LED short-detection threshold
VLSD2
All OUTn = on, detection voltage code = 2h
0.50 × VCC
0.55 × VCC
0.60 × VCC
V
VLSD3
All OUTn = on, detection voltage code = 3h
0.60 × VCC
0.65 × VCC
0.70 × VCC
V
VIREF
Reference voltage output
RIREF = 1.1 kΩ
1.17
1.20
1.23
V
Input current
IIN
VIN = VCC or GND
–1
1
μA
(SIN, SCLK, LAT, GSCLK)
SIN, SCLK, LAT, and GSCLK = GND, BLANK = 1,
ICC0
GSn = FFFFh, DCn and BC = 7Fh, VOUTn = 0.8 V,
1.5
3
mA
RIREF = open (all outputs off)
SIN, SCLK, LAT, and GSCLK = GND, BLANK = 1,
GSn = FFFFh, DCn and BC = 7Fh,
ICC1
5
7
mA
VOUTn = 0.8 V, RIREF = 2.2 kΩ
(all outputs off, IOUTn = 23.1 mA target)
SIN, SCLK, and LAT = GND, BLANK = 0, auto display
repeat enabled, GSCLK = 33 MHz, GSn = FFFFh,
ICC2
7
9
mA
DCn and BC = 7Fh, VOUTn = 0.8 V, RIREF = 2.2 kΩ
(IOUT = 23.1 mA target)
SIN, SCLK, and LAT = GND, BLANK = 0, auto display
Supply current (VCC)
repeat enabled, GSCLK = 33 MHz, GSn = FFFFh,
ICC3
11
14
mA
DCn and BC = 7Fh, VOUTn = 0.8 V, RIREF = 1.1 kΩ
(IOUT = 46.1 mA target)
VCC = 5.0 V, SIN, SCLK, and LAT = GND, BLANK = 0,
auto display repeat enabled, GSCLK = 33 MHz,
ICC4
13
18
mA
GSn = FFFFh, DCn and BC = 7Fh, VOUTn = 0.8 V,
RIREF = 0.91 kΩ (IOUT = 55.8 mA target)
VCC = 5.0 V, SIN, SCLK, LAT, and GSCLK = GND,
BLANK = 0, auto display repeat enabled, GSn = 0000h,
ICC5
DCn and BC = 7Fh, in power-save mode,
10
40
µA
VOUTn = 0.8 V, RIREF = 0.91 kΩ
(IOUT = 55.8 mA target)
All OUTn = on, DCn and BC = 7Fh, VOUTn = VOUTfix =
IOLC0
0.8 V, RIREF = 1.1 kΩ, TA = +25°C
43.4
46.1
48.8
mA
(IOLCn = 46.1 mA target)
Constant output sink current
(OUT0 to OUT15)
VCC = 5.0 V, All OUTn = on, DCn and BC = 7Fh,
IOLC1
VOUTn = VOUTfix = 0.8 V, RIREF = 0.91 kΩ, TA = +25°C
52.5
55.8
59.1
mA
(IOLCn = 55.8 mA target)
IOLKG0
TJ = +25°C
0.1
μA
All OUTn = off, BLANK = 1,
Output leakage current
IOLKG1
VOUTn = VOUTfix = 10 V,
TJ = +85°C
(1)
0.2
μA
(OUT0 to OUT15)
RIREF = 1.1 kΩ
IOLKG2
TJ = +125°C
(1)
0.3
0.8
μA
(1)
Not tested; specified by design.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TLC5948A


Similar Part No. - TLC5948ADBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC59482DBQ TI1-TLC59482DBQ Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC59482DBQR TI1-TLC59482DBQR Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
More results

Similar Description - TLC5948ADBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5949 TI-TLC5949 Datasheet
1Mb / 51P
[Old version datasheet]   16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC6946 TI1-TLC6946 Datasheet
328Kb / 27P
[Old version datasheet]   16-Channel 32-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC6946 TI1-TLC6946_19 Datasheet
2Mb / 35P
[Old version datasheet]   16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
logo
STMicroelectronics
STP1612PW05 STMICROELECTRONICS-STP1612PW05 Datasheet
787Kb / 35P
   16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
logo
Texas Instruments
TLC5929 TI1-TLC5929_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode, and Full Self-Diagnosis for LED Lamp
TLC59291 TI1-TLC59291_15 Datasheet
800Kb / 45P
[Old version datasheet]   TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
logo
List of Unclassifed Man...
MBI5031 ETC2-MBI5031 Datasheet
527Kb / 20P
   16-Channel PWM-Embedded LED Driver
logo
Texas Instruments
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com