Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA4311A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TCA4311A
Description  HOT SWAPPABLE 2-WIRE BUS BUFFERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA4311A Datasheet(HTML) 3 Page - Texas Instruments

  TCA4311A Datasheet HTML 1Page - Texas Instruments TCA4311A Datasheet HTML 2Page - Texas Instruments TCA4311A Datasheet HTML 3Page - Texas Instruments TCA4311A Datasheet HTML 4Page - Texas Instruments TCA4311A Datasheet HTML 5Page - Texas Instruments TCA4311A Datasheet HTML 6Page - Texas Instruments TCA4311A Datasheet HTML 7Page - Texas Instruments TCA4311A Datasheet HTML 8Page - Texas Instruments TCA4311A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
100k
RCH1
100k
RCH3
+
5
+
0.5pF
READY
1
UVLO
3
SCLIN
CONNECT
StopBitandBusIdle
4
4
GND
CONNECT
20pF
RD
S
QB
0.5µA
0.55V
/
0.45V
CC
CC
+
+
V
– 1V
CC
2mA
95 µs
Delay,
Rising
Only
Backplane-To-Card
Connection
CONNECT
CONNECT
2 SCLOUT
6
SDAIN
CONNECT
CONNECT
7 SDAOUT
8 VCC
1V
Precharge
100k
RCH2
100k
RCH4
2mA
2mA
SlewRate
Detector
CONNECT
ENABLE
2-WireBusBufferandHotSwapController
2mA
SlewRate
Dectector
Backplane-To-Card
Connection
SlewRate
Dectector
SlewRate
Dectector
ENABLE
TCA4311A
www.ti.com
SCPS226 – JANUARY 2011
BLOCK DIAGRAM
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TCA4311A


Similar Part No. - TCA4311A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311 TI-TCA4311 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311D TI-TCA4311D Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311D TI-TCA4311D Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311DG4 TI-TCA4311DG4 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
More results

Similar Description - TCA4311A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com