Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75DP126SSRHUR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP126SSRHUR
Description  DisplayPort??1:2 Re-Driver Switch with TMDS Translator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP126SSRHUR Datasheet(HTML) 1 Page - Texas Instruments

  SN75DP126SSRHUR Datasheet HTML 1Page - Texas Instruments SN75DP126SSRHUR Datasheet HTML 2Page - Texas Instruments SN75DP126SSRHUR Datasheet HTML 3Page - Texas Instruments SN75DP126SSRHUR Datasheet HTML 4Page - Texas Instruments SN75DP126SSRHUR Datasheet HTML 5Page - Texas Instruments SN75DP126SSRHUR Datasheet HTML 6Page - Texas Instruments SN75DP126SSRHUR Datasheet HTML 7Page - Texas Instruments SN75DP126SSRHUR Datasheet HTML 8Page - Texas Instruments SN75DP126SSRHUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
SN75DP126
www.ti.com
SLLSEA9A – FEBRUARY 2012 – REVISED MARCH 2012
DisplayPort™ 1:2 Re-Driver Switch with TMDS Translator
Check for Samples: SN75DP126
1
FEATURES
2
One Dual-Mode DisplayPort™ (DP++) Input;
Temperature Range: 0°C to 85°C
Switchable to One DP++ Output or One TMDS
56-Pin 5 mm x 11 mm QFN Package
Output Compatible with HDMI 1.4b and DVI
Supports DP v1.1a and DP v1.2 Signaling
APPLICATIONS
Including HBR2 Data Rates to 5.4 Gbps
Notebook PC
Supports HDMI 1.4b with TMDS Clock
Desktop PC
Frequencies up to 340 MHz with 10 m Cable
PC Docking Station
Glue-less interface to AMD, Intel, and NVIDIA
PC Standalone Video Card
Graphics Processors
Auto-Configuration Through Link Training for
DisplayPort Connection
Integrated DDC-Accessible DP-HDMI Adaptor
ID for HDMI/DVI Sink Recognition
Output Signal Conditioning with Tunable
Voltage Swing and Pre-Emphasis Gain for
both DisplayPort and TMDS Outputs
Highly-Configurable Input-Variable Equalizer
Two Device Options Including a Dual Power-
Supply Configuration for Lowest Power
2-kV ESD HBM Protection
DESCRIPTION
The SN75DP126 switches one Dual-Mode DisplayPort (DP++) input to one Dual-Mode DisplayPort (DP++) sink
output or one HDMI/DVI sink output. The HDMI/DVI output has a built-in level translator compliant with DVI 1.0
and HDMI 1.4b standard TMDS signaling, and is specified up to a maximum data rate of 3.4 Gbps, supporting
resolutions greater than 1920 X 1440 and HDTV deep color at 1080p. An integrated DP-HDMI Adaptor ID buffer
can be accessed when the HDMI/DVI sink is selected to indicate support for HDMI signaling.
The device compensates for PCB-related frequency loss and switching-related loss to provide the optimum
electrical performance from source to sink. The DP++ Main Link signal inputs feature-configurable equalizers
with selectable boost settings.
At the SN75DP126 DP++ Main Link output, four primary levels of differential output voltage (VOD) swing and four
primary levels of pre-emphasis are available as well as a secondary level of boost adjustment, programmed
through I2C, for fine-tuning the Main Link output. The device can monitor the AUX channel and automatically
adjust output signaling levels and input equalizers based on DP Link Training commands.
At the SN75DP126 HDMI/DVI output, the differential output voltage swing and pre-emphasis levels are
configurable. The SN75DP126 output signal conditioning and EQ parameters are programmable through the I2C
interface, the VSadj terminal, and the I2C_CTL_EN terminal. The HDMI/DVI sink TMDS output slew rate is
controlled by the SRC control input.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DisplayPort is a trademark of VESA Standards Association.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN75DP126SSRHUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP120 TI-SN75DP120 Datasheet
1Mb / 27P
[Old version datasheet]   DisplayPort 1:1 Dual-Mode Repeater
SN75DP120RHHR TI-SN75DP120RHHR Datasheet
1Mb / 27P
[Old version datasheet]   DisplayPort 1:1 Dual-Mode Repeater
SN75DP120RHHT TI-SN75DP120RHHT Datasheet
1Mb / 27P
[Old version datasheet]   DisplayPort 1:1 Dual-Mode Repeater
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
More results

Similar Description - SN75DP126SSRHUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP139 TI1-SN75DP139_15 Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
SN75DP129 TI-SN75DP129 Datasheet
881Kb / 28P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP139 TI-SN75DP139 Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
logo
Analog Devices
AD8194 AD-AD8194_15 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194ACPZ AD-AD8194ACPZ Datasheet
476Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8193 AD-AD8193 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193 AD-AD8193_15 Datasheet
464Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com