Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVPE502 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65LVPE502
Description  Dual Channel USB3.0 Redriver/Equalizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVPE502 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVPE502_12 Datasheet HTML 2Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 3Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 4Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 5Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 6Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 7Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 8Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 9Page - Texas Instruments SN65LVPE502_12 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
SN65LVPE502
SLLSE29 A
– APRIL 2010 – REVISED FEBRUARY 2012
www.ti.com
ORDERING INFORMATION(1)
PART NUMBER
PART MARKING
PCAKAGE
SN65LVPE502RGER
LVPE502
24-pin RGE Reel (large)
SN65LVPE502RGET
LVPE502
24-pin RGE Reel (small)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
UNITS / VALUES
Supply Voltage Range(2)
VCC
–0.5 V to 4 V
Differential I/O
–0.5 V to 4 V
Voltage Range
Control I/O
–0.5 V to VCC + 0.5V
Human Body Model(3)
±5000V
Electrostatic discharge
Charged Device Model(4)
±1500V
Machine Model(5)
±200V
Continuous power dissipation
See Dissipation Rating Table
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101-A.
(5)
Tested in accordance with JEDEC Standard 22, Test Method A115-A.
PACKAGE CHARACTERIZATION
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CM, EN_RXD, EQ cntrl pins = NC, K28.5 pattern at 5 Gbps,
PD
Device power dissipation
330
450
mW
VID = 1000 mVpp
Device power dissipation under low
PSD
EN_RXD= GND
0.3
1
mW
power mode
THERMAL INFORMATION
SN65LVPE502
THERMAL METRIC(1)
RGE
UNITS
24 PINS
θJA
Junction-to-ambient thermal resistance
46
θJC(TOP)
Junction-to-case(top) thermal resistance
42
θJB
Junction-to-board thermal resistance
13
°C/W
ψJT
Junction-to-top characterization parameter
0.5
ψJB
Junction-to-board characterization parameter
9
θJC(BOTTOM)
Junction-to-case(bottom) thermal resistance
4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): SN65LVPE502


Similar Part No. - SN65LVPE502_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
More results

Similar Description - SN65LVPE502_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502CP TI1-SN65LVPE502CP_12 Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI-SN65LVPE502CP Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel x1 PCIe Redriver/Equalizer
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver, Equalizer
logo
Pericom Semiconductor C...
PI3EQX501I PERICOM-PI3EQX501I Datasheet
594Kb / 1P
   5.0Gbps, 1-Channel, USB3.0 ReDriver
PI3EQX501B PERICOM-PI3EQX501B Datasheet
1Mb / 7P
   5.0Gbps, 1-channel, USB3.0 ReDriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com