Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2277-DIE Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2277-DIE
Description  HIGH-PRECISION OPERATIONAL AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2277-DIE Datasheet(HTML) 3 Page - Texas Instruments

  OPA2277-DIE Datasheet HTML 1Page - Texas Instruments OPA2277-DIE Datasheet HTML 2Page - Texas Instruments OPA2277-DIE Datasheet HTML 3Page - Texas Instruments OPA2277-DIE Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-Mar-2012
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
OPA2277TDD1
ACTIVE
DIESALE
TD
0
130
TBD
Call TI
N / A for Pkg Type
OPA2277TDD2
ACTIVE
DIESALE
TD
0
10
TBD
Call TI
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - OPA2277-DIE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2277-EP TI-OPA2277-EP Datasheet
395Kb / 21P
[Old version datasheet]   OPA2277-EP High-Precision, Low-Noise Operational Amplifier
OPA2277-EP TI1-OPA2277-EP Datasheet
978Kb / 24P
[Old version datasheet]   High-Precision, Low-Noise Operational Amplifier
OPA2277-EP TI1-OPA2277-EP_16 Datasheet
978Kb / 24P
[Old version datasheet]   High-Precision, Low-Noise Operational Amplifier
More results

Similar Description - OPA2277-DIE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4277-SP TI1-OPA4277-SP Datasheet
357Kb / 21P
[Old version datasheet]   High-Precision Operational Amplifier
logo
Mitsumi Electronics, Co...
MM1278 MITSUMI-MM1278 Datasheet
62Kb / 3P
   High Precision Operational Amplifier
logo
Texas Instruments
OPA4277-EP TI1-OPA4277-EP_16 Datasheet
972Kb / 23P
[Old version datasheet]   High Precision Operational Amplifier
logo
Linear Technology
RH118 LINER-RH118_15 Datasheet
103Kb / 4P
   Precision, High Speed Operational Amplifier
logo
New Japan Radio
NJM318 NJRC-NJM318 Datasheet
213Kb / 6P
   PRECISION HIGH-SPEED OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-44 AD-OP-44_15 Datasheet
2Mb / 9P
   HIGH SPEED PRECISION OPERATIONAL AMPLIFIER
10/87, Rev. B 1
ADA4700-1 AD-ADA4700-1 Datasheet
140Kb / 10P
   High Voltage, Precision Operational Amplifier
Rev. PrB
logo
Linear Technology
RH118 LINER-RH118 Datasheet
158Kb / 4P
   Precision, High Speed Operational Amplifier
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com