Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA140ATDD2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA140ATDD2
Description  HIGH-PRECISION, LOW-NOISE, RAIL-TO-RAIL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA140ATDD2 Datasheet(HTML) 2 Page - Texas Instruments

  OPA140ATDD2 Datasheet HTML 1Page - Texas Instruments OPA140ATDD2 Datasheet HTML 2Page - Texas Instruments OPA140ATDD2 Datasheet HTML 3Page - Texas Instruments OPA140ATDD2 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OPA140A-DIE
SBOS610B – MARCH 2012 – REVISED MARCH 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
BARE DIE INFORMATION
BACKSIDE
BOND PAD
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
THICKNESS
15 mils.
Silicon with backgrind
Floating
TiW/AlCu (0.5%)
1100 nm
Table 1. Bond Pad Coordinates in Microns
DISCRIPTION
PAD NUMBER
X MIN
Y MIN
X MAX
Y MAX
VIN
1
469.600
-720.500
544.600
-645.500
N/C
2
VIP
3
49.500
-430.500
124.500
-355.500
N/C
4
V-
5
1034.050
-124.550
1109.050
-49.550
OUT
6
1264.500
-107.500
1339.500
-32.500
V+
7
1264.500
-737.500
1339.500
-662.500
2
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): OPA140A-DIE


Similar Part No. - OPA140ATDD2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA140AID TI-OPA140AID Datasheet
807Kb / 25P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
OPA140AID TI1-OPA140AID Datasheet
1Mb / 44P
[Old version datasheet]   11-MHz JFET Op Amp
OPA140AID TI-OPA140AID Datasheet
2Mb / 48P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
OPA140AID TI-OPA140AID Datasheet
2Mb / 49P
[Old version datasheet]   OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amps
REVISED MARCH 2023
OPA140AIDBVR TI-OPA140AIDBVR Datasheet
807Kb / 25P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
More results

Similar Description - OPA140ATDD2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4610-2 AD-ADA4610-2_12 Datasheet
376Kb / 20P
   Low Noise, Precision, Rail-to-Rail Output
REV. A
logo
Texas Instruments
OPA207 TI1-OPA207 Datasheet
921Kb / 31P
[Old version datasheet]   Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207 TI-OPA207_19 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power, High-Precision, Low-Noise, Rail-to-Rail Output Operational Amplifier
OPA207_1903 TI1-OPA207_1903 Datasheet
1Mb / 38P
[Old version datasheet]   Low-power, high-precision, low-noise, rail-to-rail output operational amplifier
logo
New Japan Radio
NJU7078 NJRC-NJU7078 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
logo
Analog Devices
AD8605 AD-AD8605_15 Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
AD8608 AD-AD8608_15 Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
logo
New Japan Radio
NJU7076 NJRC-NJU7076 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
NJU7077 NJRC-NJU7077 Datasheet
1Mb / 12P
   Precision, Low Noise, Rail-to-Rail Output, CMOS Operational Amplifier
logo
Analog Devices
AD8606 AD-AD8606_15 Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail
Rev. N
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com