Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA282AQDRDN Datasheet(PDF) 8 Page - Texas Instruments

Part # INA282AQDRDN
Description  High-Accuracy, Wide Common-Mode Range, Bi-Directional
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA282AQDRDN Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA282AQDRDN Datasheet HTML 4Page - Texas Instruments INA282AQDRDN Datasheet HTML 5Page - Texas Instruments INA282AQDRDN Datasheet HTML 6Page - Texas Instruments INA282AQDRDN Datasheet HTML 7Page - Texas Instruments INA282AQDRDN Datasheet HTML 8Page - Texas Instruments INA282AQDRDN Datasheet HTML 9Page - Texas Instruments INA282AQDRDN Datasheet HTML 10Page - Texas Instruments INA282AQDRDN Datasheet HTML 11Page - Texas Instruments INA282AQDRDN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
0
3
6
9
12
15
18
V
(V)
OUT
0.06
0.04
0.02
0
0.02
0.04
0.06
-
-
-
V
= 50mVto+50mV
-
SENSE
V+=3.5V
V+=18V
-20 -10
0
10
20
30
40
50
60
70
80
Common-ModeVoltage(V)
30
20
10
0
10
20
30
40
-
-
-
-
V+=2.7V
V+=5V
V+=18V
900
850
800
750
700
650
600
550
500
450
400
-20
0
20
40
60
80
Common-ModeVoltage(V)
V+=2.7V
V+=5V
V+=18V
900
800
700
600
500
400
300
200
100
0
2
4
6
8
10
12
14
16
18
Supply Voltage (V)
170
160
150
140
130
120
110
100
90
80
-75
-50
-25
0
25
50
75
100
125
150
Temperature ( C)
°
V+ = 5V
V+ = 12V
980
880
780
680
580
480
380
280
180
80
-
75
-
50
-
25
0
25
50
75
100
125
150
Temperature ( C)
°
V+ = 2.7V
V+ = 5V
V+ = 18V
INA282-Q1
SBOS554 – MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, V+ = 5V, V+IN = 12V, VREF1 = VREF2 = 2.048V referenced to GND, and VSENSE = V+IN – V–IN, unless otherwise
noted.
INA282 TYPICAL NONLINEARITY
INA283 +IN BIAS CURRENT
vs OUTPUT VOLTAGE
vs COMMON-MODE VOLTAGE
Figure 19.
Figure 20.
INA283 QUIESCENT CURRENT
QUIESCENT CURRENT
vs COMMON-MODE VOLTAGE
vs SUPPLY VOLTAGE
Figure 21.
Figure 22.
COMMON-MODE REJECTION RATIO
QUIESCENT CURRENT
vs TEMPERATURE
vs TEMPERATURE
Figure 23.
Figure 24.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA282-Q1


Similar Part No. - INA282AQDRDN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282AQDRQ1 TI1-INA282AQDRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Current Shunt Monitor
More results

Similar Description - INA282AQDRDN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282 TI-INA282_12 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA282 TI-INA282 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA282 TI-INA282_15 Datasheet
1Mb / 36P
[Old version datasheet]   INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
INA283 TI-INA283_15 Datasheet
1Mb / 36P
[Old version datasheet]   INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
logo
Maxim Integrated Produc...
MAX40204EVKIT MAXIM-MAX40204EVKIT Datasheet
396Kb / 6P
   Wide -0.1V to 36V Input Range Common Mode Range
319-100615; Rev 0; 10/20
logo
Green Power Solutions s...
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-5211U AVAGO-ACFL-5211U Datasheet
797Kb / 13P
   Bi-directional Wide Operating Temperature 1MBd Digital
logo
Kemet Corporation
SSR10V-04910 KEMET-SSR10V-04910 Datasheet
402Kb / 7P
   Common Mode SSR Coils, 10VS/HS, Wide Range Impedance Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com