Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA282-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA282-Q1
Description  High-Accuracy, Wide Common-Mode Range, Bi-Directional
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA282-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  INA282-Q1 Datasheet HTML 1Page - Texas Instruments INA282-Q1 Datasheet HTML 2Page - Texas Instruments INA282-Q1 Datasheet HTML 3Page - Texas Instruments INA282-Q1 Datasheet HTML 4Page - Texas Instruments INA282-Q1 Datasheet HTML 5Page - Texas Instruments INA282-Q1 Datasheet HTML 6Page - Texas Instruments INA282-Q1 Datasheet HTML 7Page - Texas Instruments INA282-Q1 Datasheet HTML 8Page - Texas Instruments INA282-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
1
2
3
4
8
7
6
5
-IN
GND
REF2
NC
(1)
OUT
V+
REF1
+IN
INA282-Q1
SBOS554 – MARCH 2012
www.ti.com
PIN CONFIGURATION
D PACKAGE
SOIC-8
(TOP VIEW)
(1)
NC: This pin is not internally connected. The NC pin should either be left floating or connected to GND.
PIN DESCRIPTIONS
SOIC-8
PIN NO.
NAME
DESCRIPTION
1
–IN
Connection to negative side of shunt resistor.
2
GND
Ground
3
REF2
Reference voltage connection - See application section for connection options.
4
NC
This pin is not internally connected. The NC pin should either be left floating or connected to GND.
5
OUT
Output voltage
6
V+
Power supply
7
REF1
Reference voltage connection - See application section for connection options.
8
+IN
Connection to positive side of shunt resistor.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA282-Q1


Similar Part No. - INA282-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282-Q1 TI-INA282-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   INA28x-Q1 Automotive Grade, ??4-V to 80-V, Bidirectional, High Accuracy, Low- or High-Side, Voltage Output, Current Shunt Monitor
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   Current Shunt Monitor
More results

Similar Description - INA282-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA282 TI-INA282_12 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA282 TI-INA282 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA282 TI-INA282_15 Datasheet
1Mb / 36P
[Old version datasheet]   INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
INA283 TI-INA283_15 Datasheet
1Mb / 36P
[Old version datasheet]   INA28x High-Accuracy, Wide Common-Mode Range, Bidirectional Current Shunt Monitors, Zero-Drift Series
logo
Maxim Integrated Produc...
MAX40204EVKIT MAXIM-MAX40204EVKIT Datasheet
396Kb / 6P
   Wide -0.1V to 36V Input Range Common Mode Range
319-100615; Rev 0; 10/20
logo
Green Power Solutions s...
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-5211U AVAGO-ACFL-5211U Datasheet
797Kb / 13P
   Bi-directional Wide Operating Temperature 1MBd Digital
logo
Kemet Corporation
SSR10V-04910 KEMET-SSR10V-04910 Datasheet
402Kb / 7P
   Common Mode SSR Coils, 10VS/HS, Wide Range Impedance Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com