Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV110 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV110
Description  POWER SAVING SOLENOID CONTROLLER WITH INTEGRATED SUPPLY REGULATION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV110 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV110 Datasheet HTML 3Page - Texas Instruments DRV110 Datasheet HTML 4Page - Texas Instruments DRV110 Datasheet HTML 5Page - Texas Instruments DRV110 Datasheet HTML 6Page - Texas Instruments DRV110 Datasheet HTML 7Page - Texas Instruments DRV110 Datasheet HTML 8Page - Texas Instruments DRV110 Datasheet HTML 9Page - Texas Instruments DRV110 Datasheet HTML 10Page - Texas Instruments DRV110 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
I
PEAK
I
HOLD
t
KEEP
t
I
SOLENOID
EN
t
5
KEEP
KEEP
s
t
s
C
F
10
F
é ù
=
×
é ù
é ù
ë û
ë û
ê ú
ë û
PEAK
PEAK
SENSE
PEAK
1
900mA
I
66.67k ;66.67k
R
2M
R
R
W
=
×
×
W
W <
<
W
DRV110
www.ti.com
SLVSBA8 – MARCH 2012
FUNCTIONAL DESCRIPTION
DRV110 controls the current through the solenoid as shown in Figure 3. Activation starts when EN pin voltage is
pulled high either by an external driver or internal pull-up. In the beginning of activation, DRV110 allows the load
current to ramp up to the peak value IPEAK and it regulates it at the peak value for the time, tKEEP, before reducing
it to IHOLD. The load current is regulated at the hold value as long as the EN pin is kept high. The initial current
ramp-up time depends on the inductance and resistance of the solenoid. Once EN pin is driven to GND, DRV110
allows the solenoid current to decay to zero.
Figure 3. Typical Current Waveform Through the Solenoid
tKEEP is set externally by connecting a capacitor to the KEEP pin. A constant current is sourced from the KEEP
pin that is driven into an external capacitor resulting in a linear voltage ramp. When the KEEP pin voltage
reaches 100 mV, the current regulation reference voltage, VREF, is switched from VPEAK to VHOLD. Dependency of
tKEEP from the external capacitor size can be calculated by:
(1)
The current control loop regulates, cycle-by-cycle, the solenoid current by sensing voltage at the SENSE pin and
controlling the external switching device gate through the OUT pin. During the ON-cycle, the OUT pin voltage is
driven and kept high (equal to VIN voltage) as long as the voltage at the SENSE pin is less than VREF allowing
current to flow through the external switch. As soon as the voltage at the SENSE pin is above VREF, the OUT pin
voltage is immediately driven and kept low until the next ON-cycle is triggered by the internal PWM clock signal.
In the beginning of each ON-cycle, the OUT pin voltage is driven and kept high for at least the time determined
by the minimum PWM signal duty cycle, DMIN.
VPEAK and VHOLD depend on fixed resistance values RPEAK and RHOLD as shown in Figure 4. If the PEAK pin is
connected to ground, the peak current reference voltage, VPEAK, is at it’s default value (internal setting). The
VPEAK value can alternatively be set by connecting an external resistor to ground from the PEAK pin. For
example, if a 50-k
Ω (= RPEAK) resistor is connected between PEAK and GND, and RSENSE = 1 Ω, then the
externally set IPEAK level will be 900 mA. If RPEAK = 200 kΩ and RSENSE = 1 Ω, then the externally set IPEAK level
will be 300 mA. In case RSENSE = 2 Ω instead of 1 Ω, then IPEAK = 450 mA (when RPEAK = 50 kΩ) and
IPEAK = 150 mA (when RPEAK = 200 kΩ). External setting of the HOLD current, IHOLD, works in the same way, but
the current levels are 1/6 of the IPEAK levels. External settings for IPEAK and IHOLD are independent of each other.
If RPEAK is decreased below 33.33 kΩ (typ value), then the reference is clamped to the internal setting. The same
is valid for RHOLD and IHOLD. IPEAK and IHOLD values can be calculated by using the formula below.
(2)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DRV110


Similar Part No. - DRV110

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV1100 BURR-BROWN-DRV1100 Datasheet
107Kb / 9P
   HIGH POWER DIFFERENTIAL DRIVER AMPLIFIER
logo
Texas Instruments
DRV1100 TI1-DRV1100 Datasheet
293Kb / 13P
[Old version datasheet]   HIGH POWER DIFFERENTIAL DRIVER AMPLIFIER
logo
Burr-Brown (TI)
DRV1100P BURR-BROWN-DRV1100P Datasheet
107Kb / 9P
   HIGH POWER DIFFERENTIAL DRIVER AMPLIFIER
DRV1100U BURR-BROWN-DRV1100U Datasheet
107Kb / 9P
   HIGH POWER DIFFERENTIAL DRIVER AMPLIFIER
logo
Texas Instruments
DRV1100U TI1-DRV1100U Datasheet
293Kb / 13P
[Old version datasheet]   HIGH POWER DIFFERENTIAL DRIVER AMPLIFIER
More results

Similar Description - DRV110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV110EVM TI1-DRV110EVM Datasheet
925Kb / 16P
[Old version datasheet]   POWER SAVING SOLENOID CONTROLLER WITH INTEGRATED SUPPLY REGULATION
DRV110 TI1-DRV110_15 Datasheet
1Mb / 24P
[Old version datasheet]   Power-Saving Solenoid Controller
logo
ON Semiconductor
NCP81038MNTWG ONSEMI-NCP81038MNTWG Datasheet
190Kb / 11P
   Synchronous Buck Controller with Auto Power Saving
October, 2013 ??Rev. P6
logo
Texas Instruments
DRV120 TI1-DRV120_15 Datasheet
1Mb / 23P
[Old version datasheet]   Power-Saving Current Controlled Solenoid Driver
logo
Linear Technology
LT3751 LINER-LT3751 Datasheet
271Kb / 28P
   Capacitor Charger Controller with Regulation
logo
Texas Instruments
DRV120 TI1-DRV120 Datasheet
659Kb / 16P
[Old version datasheet]   POWER SAVING CURRENT CONTROLLED SOLENOID DRIVER
logo
Fairchild Semiconductor
FSEZ1317AMY FAIRCHILD-FSEZ1317AMY Datasheet
968Kb / 17P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
logo
WAGO Kontakttechnik Gmb...
787-1675 WAGO-787-1675 Datasheet
524Kb / 10P
   Switched-mode power supply with integrated charger and controller
logo
Fairchild Semiconductor
FSEZ1317A FAIRCHILD-FSEZ1317A Datasheet
1Mb / 16P
   Primary-Side-Regulation PWM with POWER MOSFET Integrated
FSEZ1307 FAIRCHILD-FSEZ1307 Datasheet
648Kb / 16P
   Primary-Side-Regulation PWM with Power MOSFET Integrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com