Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V2RGZR Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V2RGZR
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V2RGZR Datasheet(HTML) 50 Page - Texas Instruments

Back Button CDCM6208V2RGZR Datasheet HTML 46Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 47Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 48Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 49Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 50Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 51Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 52Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 53Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
5
4
3
2
Reg05
Register Number (s)
Bit Number(s)
R05 .2
Device
Control
And
Status
STATUS0
STATUS1/PIN0
PDN
RESETN/PWR
SCL/PIN4
SDI/SDA/PIN1
SDO/AD0/PIN2
SCS/AD1/PIN3
SI_MODE0
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg 0
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg1
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg2
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg3
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg 20
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg 21
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg 22
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg 23
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg30
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg31
REGISTER SPACE
Device
Hardware
SPI/
I2C
Port
Control/
Status
Pins
SPI: SI_MODE[1:0]=00;
I2C: SI_MODE[1:0]=01;
Pin Mode: SI_MODE[1:0]=10
SI_MODE1
Comm
Select
CDCM6208
SCAS931A – MAY 2012 – REVISED JUNE 2012
www.ti.com
Figure 42. CDCM6208 Interface and Control Block
Within this register space, there are certain bits that have read/write access. Other bits are read-only (an attempt
to write to a read only bit will not change the state of the bit).
REGISTER FILE REFERENCE CONVENTION
Figure 43 shows the method that this document employs to refer to an individual register bit or a grouping of
register bits. If a drawing or text references an individual bit the format is to specify the register number first and
the bit number second. The CDCM6208 contains 21 registers that are 16 bits wide. The register addresses and
the bit positions both begin with the number zero (0). A period separates the register address and bit address.
The first bit in the register file is address 'R0.0' meaning that it is located in Register 0 and is bit position 0. The
last bit in the register file is address R31.15 referring to the 16thbit of register address 31 (the 32ndregister in the
device
Figure 43. CDCM6208 Register Reference Format
SPI - SERIAL PERIPHERAL INTERFACE
To enable the SPI port, tie the communication select pins SI_MODE[1:0] to ground. SPI is a master/slave
protocol in which the host system is always the master; therefore, the host always initiates communication
to/from the device. The SPI interface consists of four signal pins. The device SPI address is 0000.
Table 14. SERIAL PORT SIGNALS IN SPI MODE
PIN
I/O
DESCRIPTION
NAME
NUMBER
SDI/SDA/PIN1
2
Input
SDI: SPI Serial Data Input
SDO/AD0/PIN2
3
Output
SDO: SPI Serial Data
SCS/AD1/PIN3
4
Input
SCS: SPI Latch Enable
SCL/PIN4
5
Input
SCL: SPI/I2C Clock
50
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V2RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V2RGZR TI1-CDCM6208V2RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V2RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com