Electronic Components Datasheet Search |
|
CDCM6208V2RGZT Datasheet(PDF) 59 Page - Texas Instruments |
|
|
CDCM6208V2RGZT Datasheet(HTML) 59 Page - Texas Instruments |
59 / 78 page CDCM6208 www.ti.com SCAS931A – MAY 2012 – REVISED JUNE 2012 Table 22. Register 3 (continued) BIT BIT NAME RELATED BLOCK DESCRIPTION/FUNCTION Output Channel Dividers Synchronization Enable: 5 SYNCN Output Divider 0 → Forces synchronization 1 → Exits synchronization PLL/VCO Calibration Enable: 4 ENCAL PLL/VCO 0 → Disable 1 → Enable PLL Prescaler 1 Integer Divider Selection: 00 → Divide-by-4 01 → Divide-by-5 3:2 PS_B[1:0] PLL Prescaler Divider B 10 → Divide-by-6 11 → RESERVED used for Y2, Y3, Y6, and Y7 PLL Prescaler 0 Integer Divider Selection: 00 → Divide-by-4 01 → Divide-by-5 1:0 PS_A[1:0] PLL Prescaler Divider A 10 → Divide-by-6 11 → RESERVED used in PLL feedback, Y0, Y1, Y4, and Y5 Table 23. Register 4 BIT BIT NAME RELATED BLOCK DESCRIPTION/FUNCTION Smart MUX Pulse Width Selection. This bit controls the Smart MUX delay and waveform reshaping. 00 → PLL Smart MUX Clock Delay and Reshape Disabled (default 15:14 SMUX_PW[1:0] in all pin modes) 01 → PLL Smart MUX Clock Delay Enable 10 → PLL Smart MUX Clock Reshape Enable 11 → PLL Smart MUX Clock Delay and Reshape Enable Smart MUX Mode Selection: Reference Input Smart 0 → Auto select MUX 13 SMUX_MODE_SEL 1 → Manual select Note: in Auto select mode, both input buffers must be enabled. Set R4.5 = 1 and R4.2 = 1 Smart MUX Selection for PLL Reference: 0 → Primary 12 SMUX_REF_SEL 1 → Secondary (only if REF_SEL pin is high) This bit is ignored when smartmux is set to auto select (e.g. R4.13 = 0). See Table 13 for details. Primary Input (R) Divider Selection" 11:8 CLK_PRI_DIV[3:0] Primary Input Divider 0000 → Divide by 1 1111 → Divide by 16 Secondary Input Buffer Type Selection: 00 → CML 7:6 SEC_SELBUF[1:0] 01 → LVDS 10 → LVCMOS Secondary Input 11 → Crystal Secondary input enable: 5 EN_SEC_CLK 0 → Disable 1 → Enable Primary Input Buffer Type Selection: 00 → CML 4:3 PRI_SELBUF[1:0] 01 → LVDS 10 → LVCMOS Primary Input 11 → LVCMOS Primary input enable: 2 EN_PRI_CLK 0 → Disable 1 → Enable Copyright © 2012, Texas Instruments Incorporated Submit Documentation Feedback 59 Product Folder Link(s): CDCM6208 |
Similar Part No. - CDCM6208V2RGZT |
|
Similar Description - CDCM6208V2RGZT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |