Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDCM6208V1RGZT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 2 Page - Texas Instruments

  CDCM6208V1RGZT Datasheet HTML 1Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 2Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 3Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 4Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 5Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 6Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 7Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 8Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
CDCM6208
SCAS931A – MAY 2012 – REVISED JUNE 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION CONTINUED
In synthesizer mode, the overall output jitter performance is less than 0.5 ps-rms (10 k - 20 MHz) or 20 ps-pp
(unbound) on output using integer dividers and is between 50 to 220 ps-pp (10 k - 40 MHz) on outputs using
fractional dividers depending on the prescaler output frequency.
In jitter cleaner mode, the overall output jitter is less than 2.1 ps-rms (10 k - 20 MHz) or 40 ps-pp on output
using integer dividers and is less than 70 ps to 240 ps-pp on outputs using fractional dividers. The CDCM6208 is
packaged in a small 48-pin 7mm x 7mm QFN package.
Additional list of FEATURES
Supply Voltage: The CDCM6208 supply is internally regulated. Therefore each core and I/O supply can be
mixed and matched in any order according to the application needs. The device jitter performance is independent
of supply voltage.
Frequency Range: The PLL includes dual reference inputs with input multiplexer, charge pump, loop filter, and
VCO that operates from 2.39 GHz to 2.55 GHz (CDCM6208V1) and 2.94 GHz to 3.13 GHz (CDCM6208V2).
Reference inputs: The primary and secondary reference inputs support differential and single ended signals
from 8 kHz to 250 MHz. The secondary reference input also supports crystals from 10 MHz to 50 MHz. A 4-bit
reference divider available on the primary reference input. The input mux between the two references supports
simply switching or can be configured as Smart MUX and supports glitchless input switching.
Divider and Prescaler: In addition to the 4-bit input divider of the primary reference a 14-b input divider at the
output of input MUX and a cascaded 8-b and 10-b continuous feedback dividers are available. Two independent
prescaler dividers offer divide by /4, /5 and /6 options of the VCO frequency of which any combination can then
be chosen for a bank of 4 outputs (2 with fractional dividers and 2 that share an integer divider) through an
output MUX. A total of 2 output MUXes are available.
Phase Frequency Detector and Charge Pump: The PFD input frequency can range from 8 kHz to 100 MHz.
The charge pump gain is programmable and the loop filter consists of internal + partially external passive
components and supports bandwidths from a few Hz up to 400kHz.
Phase Noise: The Phase Noise performance of the device can be summarized to:
Table 1. Synthesizer Mode (Loop filter BW >250 kHz)
Random Jitter (all outputs)
Total Jitter
Typical
Maximum
Maximum
Integer divider
Fractional divider
DJ-unbound
DJ 10k-40MHz
10k-20MHz
10k-20MHz
10k-100MHz
RJ 10k-20MHz
RJ 10k-20MHz
0.27 ps-rms (Integer division)
50-220 ps-pp,
0.5 ps-rms (int div)
0.625 ps-rms (int div)
20 ps-pp (1)
0.7ps-rms (fractional div)
see Figure 4
(1)
TJ = 20 pspp applies for LVPECL, CML, and LVDS signaling. TJ lab characterization measured 8 pspp, (typical) and 12 pspp (max) over
PVT.
Table 2. Jitter Cleaner Mode (Loop filter BW < 1 kHz)
Random Jitter (all outputs)
Total Jitter
Typical
Maximum
Maximum
Integer divider
Fractional divider
DJ unbound
DJ 10k-40MHz
10k-20MHz
10k-20MHz
10k-100MHz
RJ 10k-20MHz
RJ 10k-20MHz
1.6 ps-rms (Integer division)
70-240 ps-pp,
2.1 ps-rms (int div)
2.14 ps-rms (int div)
40 ps-pp
2.3 ps-rms (fractional div) 10k-20MHz
see Figure 4
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Analog Devices
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
Texas Instruments
Texas Instruments
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com