Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDCM6208V1RGZT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 6Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 7Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 8Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 9Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 10Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 11Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 12Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 13Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
CDCM6208
SCAS931A – MAY 2012 – REVISED JUNE 2012
www.ti.com
SINGLE ENDED INPUT CHARACTERISTICS (PRI_REF, SEC_REF)
VDD_PRI, VDD_SEC = 1.71 V TO 1.89 V, 2.375 V TO 2.625 V, 3.135 V TO 3.465 V, TA = -40 °C TO 85 °C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VDD_PRI/SEC = 1.8 V
0.008
200
MHz
Reference and Bypass Input
fIN
Frequency
VDD_PRI/SEC = 3.3 V
0.008
250
MHz
0.8 x
VIH
Input High Voltage
VDD_PRI/
V
VDD_SEC
0.2 x
VIL
Input Low Voltage
VDD_PRI/
V
VDD_SEC
VHYST
Input hysteresis
20
65
150
mV
VDD_PRI/VDD_SEC = 3.465 V, VIH
IIH
Input High Current
30
µA
= 3.465 V
VDD_PRI/VDD_SEC = 3.465 V, VIL
IIL
Input Low Current
-30
µA
= 0 V
ΔV/ΔT
Reference Input Edge Rate
20% - 80%
0.75
V/ns
f PRI ≤ 200MHz
40%
60%
IDC SE
Reference Input Duty Cycle
200
≤ fPRI ≤ 250 MHz
43%
60%
C IN
Input Capacitance
2.25
pF
DIFFERENTIAL INPUT CHARACTERISTICS (PRI_REF, SEC_REF)
VDD_PRI, VDD_SEC = 1.71 V TO 1.89 V, 2.375 V TO 2.625 V, 3.135 V TO 3.465 V, TA = -40 °C TO 85 °C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference and Bypass Input
fIN
0.008
250
MHz
Frequency
VDD_PRI/SEC = 2.5/3.3 V
0.2
1.6
VPP
Differential Input Voltage Swing,
VI
Peak-to-Peak
VDD_PRI/SEC = 1.8 V
0.2
1
VPP
VDD_PRI/
VDD_PRI/
VICM
Input Common Mode Voltage
CML input signaling, R4[7:6] = 00
VDD_SEC
VDD_SEC
V
-0.4
-0.1
LVDS, VDD_PRI/SEC
= 1.8/2.5/3.3 V,
VICM
Input Common Mode Voltage
0.8
1.2
1.5
V
R4[7:6] = 01, R4.1 = d.c.,
R4.0 = d.c.
LVDS (Q4[7:6,4:3] = 01)
15
65
mVpp
VHYST
Input hysteresis
CML (Q4[7:6,4:3] = 00)
20
85
mVpp
VDD_PRI/SEC = 3.465 V, VIH =
IIH
Input High Current
30
µA
3.465 V
IIL
Input Low Current
VDD_PRI/SEC = 3.465V, VIL = 0 V
-30
µA
ΔV/ΔT
Reference Input Edge Rate
20% - 80%
0.75
V/ns
IDCDIFF
Reference Input Duty Cycle
30%
70%
CIN
Input Capacitance
2.7
pF
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Analog Devices
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
Texas Instruments
Texas Instruments
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com