Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1RGZT Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1RGZT
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V1RGZT Datasheet(HTML) 43 Page - Texas Instruments

Back Button CDCM6208V1RGZT Datasheet HTML 39Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 40Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 41Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 42Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 43Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 44Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 45Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 46Page - Texas Instruments CDCM6208V1RGZT Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 78 page
background image
CDCM6208
www.ti.com
SCAS931A – MAY 2012 – REVISED JUNE 2012
Table 9. PRE-CONFIGURED SETTINGS OF CDCM6208V1 ACCESSIBLE BY PIN[4:0](1)(2)
UseCase
Type
Type
f(PFD)
f(VCO)
Type
Type
Type
Type
Type
Type
Type
Type
00
I/O
SPI Default
25
LVDS
25
Crystal
MANU
25
2500
156.25
CML
156.25
CML
125.00
LVDS
125.00
LVDS
66.66
LVDS
66.66
LVDS
100.00
LVDS
100.00
LVDS
01
I/O
I2C Default
25
LVDS
25
Crystal
MANU
25
2500
156.25
CML
156.25
CML
125.00
LVDS
125.00
LVDS
66.66
LVDS
66.66
LVDS
100.00
LVDS
100.00
LVDS
11
RESERVED
10
0x00
PinMode 1-V1
25
LVDS
25
Crystal
MANU
25
2400
100
LVDS
100
LVDS
100
LVDS
100
LVDS
100
LVDS
100
LVDS
100
LVDS
100
LVDS
10
0x01
PinMode 2-V1
25
LVDS
25
Crystal
MANU
25
2400
100
PECL
100
PECL
100
PECL
100
PECL
100
HCSL
100
HCSL
100
HCSL
100
HCSL
10
0x02
PinMode 3-V1
25
LVDS
25
Crystal
MANU
25
2400
100
CML
100
CML
100
CML
100
CML
100
LVDS
100
LVDS
100
LVDS
100
LVDS
10
0x03
PinMode 4-V1
25
LVDS
25
Crystal
MANU
25
2500
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
10
0x04
PinMode 5-V1
25
LVDS
25
Crystal
MANU
25
2500
156.25
PECL
156.25
PECL
156.25
PECL
156.25
PECL
156.25
HCSL
156.25
HCSL
156.25
HCSL
156.25
HCSL
10
0x05
PinMode 6-V1
25
LVDS
25
Crystal
MANU
25
2500
156.25
CML
156.25
CML
156.25
CML
156.25
CML
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
10
0x06
PinMode 7-V1
25
LVDS
25
Crystal
MANU
25
2500
125
LVDS
125
LVDS
125
LVDS
125
LVDS
125
LVDS
125
LVDS
125
LVDS
125
LVDS
10
0x07
PinMode 8-V1
25
LVDS
25
Crystal
MANU
25
2500
125
PECL
125
PECL
125
PECL
125
PECL
125
HCSL
125
HCSL
125
HCSL
125
HCSL
10
0x08
PinMode 9-V1
25
LVDS
25
Crystal
MANU
25
2500
125
CML
125
CML
125
CML
125
CML
125
LVDS
125
LVDS
125
LVDS
125
LVDS
10
0x09
PinMode 10-V1
25
LVDS
25
Crystal
MANU
25
2500
125
LVDS
125
LVDS
156.25
LVDS
156.25
LVDS
100
LVDS
100
LVDS
133.33
LVDS
25
LVDS
10
0x0A
PinMode 11-V1
25
LVDS
25
Crystal
MANU
25
2500
312.5
PECL
312.5
PECL
312.5
PECL
312.5
PECL
312.5
HCSL
312.5
HCSL
312.5
HCSL
312.5
HCSL
10
0x0B
PinMode 12-V1
25
LVDS
25
Crystal
MANU
25
2500
156.25
PECL
156.25
PECL
100
PECL
100
PECL
156.25
HCSL
156.25
HCSL
100
HCSL
100
HCSL
10
0x0C
PinMode 13-V1
25
LVDS
25
Crystal
MANU
25
2500
156.25
PECL
156.25
PECL
156.25
PECL
156.25
PECL
125
HCSL
125
HCSL
125
HCSL
125
HCSL
10
0x0D
PinMode 14-V1
25
LVDS
25
Crystal
MANU
25
2400
200
PECL
200
PECL
100
PECL
100
PECL
100
HCSL
100
HCSL
200
HCSL
200
HCSL
10
0x0E
PinMode 15-V1
25
LVDS
25
Crystal
MANU
25
2500
500
PECL
500
PECL
250
PECL
250
PECL
125
HCSL
125
HCSL
100
HCSL
25
CMOS
10
0x0F
PinMode 16-V1
25
LVDS
25
Crystal
MANU
25
2500
625
PECL
625
PECL
312.5
PECL
312.5
PECL
156.25
HCSL
156.25
HCSL
125
HCSL
25
CMOS
10
0x10
PinMode 17-V1
30.72
LVDS
30.72
Crystal
MANU
30.72
2457.6
122.88
PECL
122.88
PECL
153.6
PECL
153.6
PECL
30.72
CMOS
153.6
HCSL
61.44
HCSL
122.88
CMOS
10
0x11
PinMode 18-V1
24.8832
LVDS
24.8832
Crystal
MANU
24.8832
2488.32
622.08
CML
622.08
CML
622.08
CML
622.08
CML
155.52
LVDS
155.52
LVDS
155.52
LVDS
155.52
LVDS
10
0x12
PinMode 19-V1
25
LVDS
25
Crystal
MANU
25
2500
156.25
LVDS
156.25
LVDS
125
LVDS
125
LVDS
66.67
LVDS
25
CMOS
25
LVDS
100
LVDS
10
0x13
PinMode 20-V1
0.008
CMOS
0.008
CMOS
MANU
0.008
2500
156.25
LVDS
156.25
PECL
125
LVDS
125
LVDS
125
CMOS
25
LVDS
100
HCSL
100
HCSL
10
0x14
PinMode 21-V1
25
LVDS
25
Crystal
MANU
25
2500
100
LVDS
100
LVDS
156.25
LVDS
156.25
LVDS
122.88
LVDS
30.72
LVDS
66.67
LVDS
153.6
LVDS
10
0x15
PinMode 22-V1
25
LVDS
25
Crystal
MANU
25
2500
100
PECL
100
PECL
156.25
PECL
156.25
PECL
100
HCSL
100
HCSL
100
HCSL
100
HCSL
10
0x16
PinMode 23-V1
25
LVDS
25
Crystal
MANU
25
2500
100
PECL
100
PECL
156.25
PECL
156.25
PECL
100
HCSL
100
HCSL
156.25
HCSL
100
HCSL
10
0x17
PinMode 24-V1
25
LVDS
25
Crystal
MANU
25
2500
125
PECL
125
PECL
100
PECL
100
PECL
100
HCSL
100
HCSL
100
HCSL
100
HCSL
10
0x18
PinMode 25-V1
25
LVDS
25
Crystal
MANU
25
2500
100
PECL
100
PECL
156.25
PECL
156.25
PECL
100
HCSL
100
HCSL
155.52
HCSL
155.52
HCSL
10
0x19
PinMode 26-V1
25
LVDS
25
Crystal
MANU
25
2500
156.25
PECL
156.25
PECL
100
PECL
100
PECL
125
HCSL
156.26
HCSL
212.5
HCSL
106.25
HCSL
10
0x1A
PinMode 27-V1
25
LVDS
25
Crystal
MANU
25
2500
100
PECL
100
PECL
250
PECL
250
PECL
100
HCSL
100
HCSL
100
HCSL
125
HCSL
(1)
The functionality of the status 0 and status 1 pin in SPI and I2C mode is programmable.
(2)
The REF_SEL input pin selects the primary or secondary input in MANUAL mode. If the system only requires one input, the second input stage power supply can be connected to GND to
minimize device power consumption. So if the system only uses a XTAL on the secondary input, REF_SEL should be tied to VDD.
For all pin modes, STATUS0 outputs the PLL_LOCK signal and STATUS1 the LOSS OF REFERENCE.
General Note: in all PIN MODEs, All voltage supplies must either be 1.8 V or 2.5/3.3 V and the PWR pin number 44 must be set 0 or 1 accordingly. In SPI and I2C mode, the supply
voltages can be "mixed and matched" as long as the corresponding register bits reflect the supply voltage setting for each desired 1.8 V or 2.5/3.3 V supply. Exception: inputs configured
for LVDS signaling (Type = LVDS) are supply agnostic, and therefore can be powered from 2.5 V/3.3 V or 1.8 V regardless of the supply select setting of pin number 44.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com