Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208
Description  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208 Datasheet(HTML) 48 Page - Texas Instruments

Back Button CDCM6208 Datasheet HTML 44Page - Texas Instruments CDCM6208 Datasheet HTML 45Page - Texas Instruments CDCM6208 Datasheet HTML 46Page - Texas Instruments CDCM6208 Datasheet HTML 47Page - Texas Instruments CDCM6208 Datasheet HTML 48Page - Texas Instruments CDCM6208 Datasheet HTML 49Page - Texas Instruments CDCM6208 Datasheet HTML 50Page - Texas Instruments CDCM6208 Datasheet HTML 51Page - Texas Instruments CDCM6208 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
CDCM6208
SCAS931A – MAY 2012 – REVISED JUNE 2012
www.ti.com
Table 12. CDCM6208V2 Loop Filter Recommendation for Pin Mode
Status Pins Definition
The device vitals such as input signal quality, smart mux input selection, and PLL lock can be monitored by
reading device registers or by at the status pins STATUS1, and STATUS0. Register 3[12:7] allows to customize
which of the vitals are mapped out to these two pins. Table 13 lists the three events that can be mapped to each
status pin and which can also be read in the register space.
Table 13. CDCM6208 Status Pin Definition List
STATUS
SIGNAL Type
SIGNAL NAME
REGISTER BIT Description
SIGNAL Name
NO.
SEL_REF
LVCMOS
STATUS0/1
Reg 3.12
Indicates Reference Selected for PLL:
Reg 3.9
0
→ Primary input selected to drive PLL
1
→ Secondary input selected to drive PLL
LOS_REF
LVCMOS
STATUS0/1
Reg 3.11
Loss of selected reference input observed at active input:
Reg 3.8
0
→ Reference input present
1
→ Loss of reference input
Important Note 1: For LOS_REF to operate properly, the secondary
input SEC_IN must be enabled. Set register Q4.5=1. If register
Q4.5 is set to zero, LOS_REF will output a static high signal
regardless of the actual input signal status on PRI_IN.
48
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM6208


Similar Part No. - CDCM6208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZR TI1-CDCM6208V1FRGZR Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208V1FRGZT TI1-CDCM6208V1FRGZT Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
More results

Similar Description - CDCM6208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com