Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLX24C164P Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. SLX24C164P
Description  16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

SLX24C164P Datasheet(HTML) 3 Page - Siemens Semiconductor Group

 
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
P-DIP-8-4
P-DSO-8-3
16 Kbit (2048
× 8bit)SerialCMOS
EEPROMs, I2C Synchronous 2-Wire Bus,
Page Protection Mode
SLx 24C164/P
Semiconductor Group
3
1998-07-27
Features
• Data EEPROM internally organized as
2048 bytes and 128 pages
× 16 bytes
• Page protection mode, flexible page-by-page
hardware write protection
– Additional protection EEPROM of 128 bits, 1 bit
per data page
– Protection setting for each data page by writing its
protection bit
– Protection management without switching WP pin
• Low power CMOS
V
CC = 2.7 to 5.5 V operation
• Two wire serial interface bus, I
2C-Bus
compatible
• Three chip select pins to address 8 devices
• Filtered inputs for noise suppression with
Schmitt trigger
• Clock frequency up to 400 kHz
• High programming flexibility
– Internal programming voltage
– Self timed programming cycle including erase
– Byte-write and page-write programming, between 1 and 16 bytes
– Typical programming time 5 ms for up to 16 bytes
• High reliability
– Endurance 10
6 cycles1)
– Data retention 40 years
1)
– ESD protection 4000 V on all pins
• 8 pin DIP/DSO packages
• Available for extended temperature ranges
– Industrial:
− 40 °C to + 85 °C
– Automotive:
− 40°C to + 125 °C
1)
Values are temperature dependent, for further information please refer to your Siemens Sales office.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn