Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLX24C164P Datasheet(PDF) 24 Page - Siemens Semiconductor Group

Part # SLX24C164P
Description  16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLX24C164P Datasheet(HTML) 24 Page - Siemens Semiconductor Group

Back Button SLX24C164P Datasheet HTML 19Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 20Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 21Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 22Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 23Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 24Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 25Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 26Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 27Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
SLx 24C164/P
Semiconductor Group
24
1998-07-27
1)
The values for
I
CC are maximum peak values
2)
Valid over the whole temperature range
3)
This parameter is characterized only
Input high
voltage
V
IH
0.7
× V
CC
V
CC +0.5
V
Output low
voltage
V
OL
0.4
V
I
OL =3 mA; VCC =5 V
I
OL =2.1 mA; VCC =3 V
Input/output
capacitance
(SDA)
C
I/O
8
3)
pF
V
IN =0V; VCC =5 V
Input
capacitance
(other pins)
C
IN
6
3)
pF
V
IN =0V; VCC =5 V
Capacitive load
for each bus line
C
b
400
pF
8.2
DC Characteristics (cont’d)
Parameter
Symbol
Limit Values
Units Test Condition
min.
typ. max.


Similar Part No. - SLX24C164P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
More results

Similar Description - SLX24C164P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C0816P SIEMENS-SLX24C0816P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C32 SIEMENS-SLX24C32 Datasheet
357Kb / 26P
   32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
logo
ATMEL Corporation
AT24C16C ATMEL-AT24C16C Datasheet
1Mb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
   512 x 8-bit CMOS EEPROMS with I2C- bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com