Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLX24C164P Datasheet(PDF) 19 Page - Siemens Semiconductor Group

Part # SLX24C164P
Description  16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLX24C164P Datasheet(HTML) 19 Page - Siemens Semiconductor Group

Back Button SLX24C164P Datasheet HTML 15Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 16Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 17Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 18Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 19Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 20Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 21Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 22Page - Siemens Semiconductor Group SLX24C164P Datasheet HTML 23Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
SLx 24C164/P
Semiconductor Group
19
1998-07-27
7.1
Protection Bit Handling
The bits of the protection memory can be addressed directly for reading or programming.
A protection bit address corresponds to the lowest address within the respective page
(A4 to A10, A0 to A3 = zero). The status of each protection bit is sensed internally. A
written state (“0”) prevents programming in the associated page. If an already protected
memory page is accidentally addressed for programming, the programming procedure
is suppressed.
The conventional I
2C-Bus protocol allows data bytes to be read and programmed only.
Therefore an independent instruction sequence for addressing and manipulation of
protection bits is implemented. For protection bit instructions, the command byte CSW
with its preceding START condition followed by the associated control byte has to be
entered twice (figures 15 through 17). Thefirst commandbyte CSW (withA8toA10) is
followed by the control byte EEA with the bit/page address A0 through A3 always at zero.
The second CSW is required for entering a control byte CTx for protection bit
manipulation. The three control bytes for read, write or erase of a protection bit are listed
below (table 3):
Table 3
Control Byte for Protection Bit Manipulation
Address
Name
Definition
Function
b7
b6
b5
b4
b3
b2
b1
b0
CTR
xxx
xx
x0
0
Protection bit read
CTW
xxx
xx
x0
1
Protection bit write
CTE
xxx
xx
x1
1
Protection bit erase


Similar Part No. - SLX24C164P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
More results

Similar Description - SLX24C164P

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SLX24C0816P SIEMENS-SLX24C0816P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C32 SIEMENS-SLX24C32 Datasheet
357Kb / 26P
   32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C01 SIEMENS-SLX24C01 Datasheet
361Kb / 27P
   1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
logo
ATMEL Corporation
AT24C16C ATMEL-AT24C16C Datasheet
1Mb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM 16-Kbit (2048 x 8)
12.2016
logo
KODENSHI_AUK CORP.
KKF8594E KODENSHI-KKF8594E Datasheet
228Kb / 6P
   512 x 8-bit CMOS EEPROMS with I2C- bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com