Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKT200A Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # NKT200A
Description  Thyristor/Diode and Thyristor/Thyristor, 200A(New INT-A-PAK Power Modules)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

NKT200A Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  NKT200A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd NKT200A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd NKT200A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd NKT200A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
RoHS
RoHS
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
IT AV
(
)
85 ° C
IT RMS
(
)
A
ITSM
50 Hz
60 Hz
I t
2
50 Hz
kA2√s
60 Hz
I2√t
Range
TJ
Range
85 ° C
UNITS
VALUES
A
kA s
2
° C
V
200
314
7200
7560
259
236
2592
400 to1600
-40to125
N
High Power Products
ell
Page1of4
Thyristor Diode and Thyristor Thyristor, 200A
/
/
(
- -
)
New INT A PAK Power Modules
FEATURES
• High voltage
(
Electrically isolated by DBC ceramic AI 2 3
O )
• 3500 VRMS isolating voltage
• Industrial standard package
• High surge capability
• Glass passivated chips
/
Modules uses high voltage power thyristor diodes in two
basic configurations
• Simple mounting
• UL approved file E320098
• Compliant to RoHS
• Designed and qualified for multiple level
APPLICATIONS
• DC motor control and drives
• Battery charges
• Welders
• Power converters
• Lighting control
• Heat and temperature control
K1 G1
K1G1
NKT
NKH
+
+
PRODUCT SUMMARY
IT AV
(
)
200 A
New INT A PAK
- -
Alldimensionsinmillimeters
24
23
23
2.8x0.8+0.1
15+1
80+1
94+1
K2 G2
VDRM
RRM
/V
2−Ø6.5
3-M6SCREWS
~
+
-
~
+
-
~
-
~
-
NKT200A/NKH200A Series
www.nellsemi.com


Similar Part No. - NKT200A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKT200A NELLSEMI-NKT200A Datasheet
195Kb / 4P
   Thyristor/Diode Power Modules
More results

Similar Description - NKT200A

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NKT135-16A NELLSEMI-NKT135-16A Datasheet
1Mb / 4P
   Thyristor Diode and Thyristor / /Thyristor, 135A(New INT-A-PAK Power Modules)
NKT160-16A NELLSEMI-NKT160-16A Datasheet
1Mb / 4P
   Thyristor/Diode and Thyristor/Thyristor, 160A(New INT-A-PAK Power Modules)
logo
Vishay Siliconix
VS-VSKU162PBF VISHAY-VS-VSKU162PBF Datasheet
249Kb / 9P
   Thyristor/Thyristor, 160 A (New INT-A-PAK Power Modules)
Revision: 20-Nov-15
VS-VSK.136PBF VISHAY-VS-VSK.136PBF Datasheet
406Kb / 14P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAK Power Modules)
Revision: 11-Apr-14
VSKT136 VISHAY-VSKT136_10 Datasheet
408Kb / 13P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (New INT-A-PAK Power Modules)
Revision: 04-May-10
VS-VSK136PBF VISHAY-VS-VSK136PBF_V01 Datasheet
403Kb / 14P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSKU162...PBF VISHAY-VS-VSKU162...PBF Datasheet
245Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSKU162PBF VISHAY-VS-VSKU162PBF_V01 Datasheet
246Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2022
VS-VSKU162 VISHAY-VS-VSKU162 Datasheet
246Kb / 9P
   Thyristor/Thyristor, 160 A (INT-A-PAK Power Modules)
01-Jan-2023
VS-VSK..136PBF VISHAY-VS-VSK..136PBF Datasheet
402Kb / 14P
   Thyristor/Diode and Thyristor/Thyristor, 135 A to 160 A (INT-A-PAK Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com