Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH6318T Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. SFH6318T
Description  LOW CURRENT, HIGH GAIN OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH6318T Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SFH6318T Datasheet HTML 1Page - Siemens Semiconductor Group SFH6318T Datasheet HTML 2Page - Siemens Semiconductor Group SFH6318T Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Semiconductor Group
4–50
SFH6318T/6319T
Figure 1. Switching test circuit
Figure 2. Test circuit for transient immunity and typical waveforms
1
2
3
4
8
7
6
5
tr
5 V
10%
VO
tPLH
tPHL
5 V
VOL
90%
0
IF
(Saturated
Response)
1.5 V
1.5 V
(Non-Saturated
Response)
VO
tf
Pulse
Generator
ZO=50 Ω
tr=5 ns
IF=Monitor
10% Duty Cycle
1/f<100
µs
IF
RL
VO
CL=15pF
0.1
µF
+5 V
Rm
10%
90%
VCM
VO
5 V
0 V
90%
10%
10%
tr
tf
Switch at A: IF=0 mA
Switch at B: IF=1.6 mA
90%
VOL
VO
1
2
3
4
8
7
6
5
IF
RL
VO
0.1
µF
+5 V
VCM
220
Pulse Generator
+
VFF
A
B
RCC (see Note 6)
tf+tf=16 ns


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn