Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6343 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SFH6343
Description  HIGH SPEED OPTOCOUPLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH6343 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SFH6343 Datasheet HTML 1Page - Siemens Semiconductor Group SFH6343 Datasheet HTML 2Page - Siemens Semiconductor Group SFH6343 Datasheet HTML 3Page - Siemens Semiconductor Group SFH6343 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SFH6315/6316/6343
Electrical Characteristics
Over recommended temperature (TA=0°C to 70°C) unless otherwise specified. See note 6. *All typical values at TA=25°C.
Figure 1. Test circuit for switching times
Parameter
Sym-
bol
Device
Min.
Typ.*
Max.
Units
Test Conditions
Note
Input Forward
Voltage
VF
1.6
1.8
V
TA=25°CIF=16 mA
1.9
Input Reverse
Current
IR
0.5
10
µAV
R=3 V
Input Capacitance
CIN
75
pF
f=1 MHz, VF=0 V
Temperature
Coefficient of
Forward Voltage
–1.7
mV/
°CI
F=16 mA
Logic Low Supply
Current
ICCL
100
µAI
F=16 mA, VO=Open, VCC=15 V
Logic High Supply
Current
ICCH
0.001
1
µA
TA=25°C
IF=0 mA, VO=Open, VCC=15 V
2
Logic Low Output
Voltage
VOL
SFH6315
0.15
0.4
V
TA=25°CIO=1.1 mA
IF=16 mA,
VCC=4.5 V
0.5
IO=0.8 mA
SFH6316
SFH6343
0.15
0.4
V
TA=25°CIO=3.0 mA
0.5
IO=2.4 mA
Logic High Output
Current
IOH
0.003
0.5
µA
TA=25°CVO=VCC=5.5 V
IF=0 mA
0.01
1
TA=25°CVO=VCC=15.0 V
50
TA=0–70°CVO=VCC=15.0 V
Transistor DC
Current Gain
hFE
150
VO=5 V, IO=3 mA
Capacitance
(Input-Output)
CI-O
0.4
pF
f=1 MHz
6
Current Transfer Ra-
tio
CTR
SFH6315
7
16
50
%
TA=25°CVO=0.4 V
IF=16 mA,
VCC=4.5 V
1, 6
517
VO=0.5 V
SFH6316
SFH6343
19
35
50
%
TA=25°CVO=0.4 V
15
36
VO=0.5 V
VF
TA
----------
1
2
3
4
8
7
6
5
5 V
VO
tPLH
tPHL
VOL
0
IF
1.5 V
1.5 V
Pulse
Generator
ZO=50 Ω
tr=5 ns
IF=Monitor
10% Duty Cycle
1/f<100
µs
IF
RL
VO
CL=15pF
0.1
µF
+5 V
Rm


Similar Part No. - SFH6343

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6343 VISHAY-SFH6343 Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
logo
Siemens Semiconductor G...
SFH6343T SIEMENS-SFH6343T Datasheet
48Kb / 4P
   HIGH SPEED OPTOCOUPLER
logo
Vishay Siliconix
SFH6343T VISHAY-SFH6343T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH6343T VISHAY-SFH6343T Datasheet
168Kb / 10P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
More results

Similar Description - SFH6343

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH6315T SIEMENS-SFH6315T Datasheet
48Kb / 4P
   HIGH SPEED OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K453 AVAGO-ACPL-K453 Datasheet
177Kb / 8P
   High Speed Optocoupler
HCPL-0708-560E AVAGO-HCPL-0708-560E Datasheet
179Kb / 12P
   High Speed CMOS Optocoupler
logo
Solid State Optronic
SDN135 SSOUSA-SDN135 Datasheet
450Kb / 11P
   Analog High Speed Optocoupler
SDN138 SSOUSA-SDN138 Datasheet
455Kb / 11P
   Analog High Speed Optocoupler
SDN139 SSOUSA-SDN139 Datasheet
456Kb / 11P
   Analog High Speed Optocoupler
logo
Sensitron
SHD-4134-XXX SENSITRON-SHD-4134-XXX Datasheet
85Kb / 4P
   High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0738-500E AVAGO-HCPL-0738-500E Datasheet
217Kb / 8P
   High Speed CMOS Optocoupler
HCPL-0738-000E AVAGO-HCPL-0738-000E Datasheet
167Kb / 8P
   High Speed CMOS Optocoupler
HCPL-0738 AVAGO-HCPL-0738 Datasheet
192Kb / 2P
   High Speed CMOS Optocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com