Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM67D709 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCM67D709
Description  128K x 9 Bit Synchronous Dual I/O Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM67D709 Datasheet(HTML) 2 Page - Motorola, Inc

  MCM67D709 Datasheet HTML 1Page - Motorola, Inc MCM67D709 Datasheet HTML 2Page - Motorola, Inc MCM67D709 Datasheet HTML 3Page - Motorola, Inc MCM67D709 Datasheet HTML 4Page - Motorola, Inc MCM67D709 Datasheet HTML 5Page - Motorola, Inc MCM67D709 Datasheet HTML 6Page - Motorola, Inc MCM67D709 Datasheet HTML 7Page - Motorola, Inc MCM67D709 Datasheet HTML 8Page - Motorola, Inc MCM67D709 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MCM67D709
2
MOTOROLA FAST SRAM
BLOCK DIAGRAM
K
9
9
9
WRITE
DRIVER
A0 – A16
W
PIE
SIE
POE
SOE
128K x 9 ARRAY
DATA
REGISTER
DATA
REGISTER
DATA
LATCH
DATA
LATCH
SENSE
AMPLIFIER
SDQ0 – SDQ7, SDQP
PDQ0 – PDQ7, PDQP
FUNCTIONAL TRUTH TABLE (See Notes 1 and 2)
W
PIE
SIE
POE
SOE
Mode
Memory Subsystem
Cycle
PDQ0 – PDQ7,
PDQP Output
SDQ0 – SDQ7,
SDQP Output
Notes
1
1
1
0
1
Read
Processor Read
Data Out
High–Z
3
1
1
1
1
0
Read
Copy Back
High–Z
Data Out
3
1
1
1
0
0
Read
Dual Bus Read
Data Out
Data Out
3
1
X
X
1
1
Read
NOP
High–Z
High–Z
X
0
0
X
X
N/A
NOP
High–Z
High–Z
2, 4
0
0
1
1
1
Write
Processor Write Hit
Data In
High–Z
2, 5
0
1
0
1
1
Write
Allocate
High–Z
Data In
2, 5
0
0
1
1
0
Write
Write Through
Data In
Stream Data
2, 6
0
1
0
0
1
Write
Allocate With Stream
Stream Data
Data In
2, 6
1
0
1
1
0
N/A
Cache Inhibit Write
Data In
Stream Data
2, 6
1
1
0
0
1
N/A
Cache Inhibit Read
Stream Data
Data In
2, 6
0
1
1
X
X
N/A
NOP
High–Z
High–Z
4
X
0
1
0
0
N/A
Invalid
Data In
Stream
2, 7
X
0
1
0
1
N/A
Invalid
Data In
High–Z
2, 7
X
1
0
0
0
N/A
Invalid
Stream
Data In
2, 7
X
1
0
1
0
N/A
Invalid
High–Z
Data In
2, 7
NOTES:
1. A ‘0’ represents an input voltage
≤ VIL and a ‘1’ represents an input voltage ≥ VIH. All inputs must satisfy the specified setup and hold times
for the falling or rising edge of K. Some entries in this truth table represent latched values. Other possible combinations of control inputs not
covered by this note or the table above are not supported and the RAMs behavior is not specified.
2. If either IE signal is sampled low on the rising edge of clock, the corresponding OE is a don’t care, and the corresponding outputs are
High–Z.
3. A read cycle is defined as a cycle where data is driven on the internal data bus by the RAM.
4. No RAM cycle is performed.
5. A write cycle is defined as a cycle where data is driven onto the internal data bus through one of the data I/O ports (PDQ0 – PDQ7 and
PDQP or SDQ0 – SDQ7 and SPDQ), and written into the RAM.
6. Data is driven on the internal data bus by one I/O port through its data input register and latched into the data output latch of the other
I/O port.
7. Data contention will occur.


Similar Part No. - MCM67D709

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ6 MOTOROLA-MCM6706ARJ6 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ6R2 MOTOROLA-MCM6706ARJ6R2 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ7 MOTOROLA-MCM6706ARJ7 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706ARJ7R2 MOTOROLA-MCM6706ARJ7R2 Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
More results

Similar Description - MCM67D709

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67Q709A MOTOROLA-MCM67Q709A Datasheet
139Kb / 10P
   128K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM67Q909 MOTOROLA-MCM67Q909 Datasheet
139Kb / 10P
   512K x 9 Bit Separate I/O Synchronous Fast Static RAM
MCM62110 MOTOROLA-MCM62110 Datasheet
206Kb / 12P
   32K x 9 Bit Synchronous Dual I/O or Separate I/O Fast Static RAM with Parity Checker
logo
Cypress Semiconductor
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
logo
Motorola, Inc
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
logo
Integrated Device Techn...
IDT709199L IDT-IDT709199L Datasheet
178Kb / 15P
   HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Motorola, Inc
MCM69L735 MOTOROLA-MCM69L735 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com