Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6T10G-SW Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 6T10G-SW
Description  TRIACs, 6A Snubberless, Logic Level and Standard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

6T10G-SW Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  6T10G-SW Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 6T10G-SW Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 6T10G-SW Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 6T10G-SW Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 6T10G-SW Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 6T10G-SW Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.nellsemi.com
Page 3 of 6
PRODUCT SELECTOR
PART NUMBER
VOLTAGE (x x)
SENSITIVITY
PACKAGE
600 V
50 mA
50 mA
25 mA
35 mA
10 mA
5 mA
1000 V
6TxxA-B/6TxxAl-B
6TxxA-BW/6TxxAl-BW
6TxxA-C/6TxxAl-C
6TxxA-CW/6TxxAl-CW
6TxxA-SW/6TxxAl-SW
6TxxA-TW/6TxxAI-TW
TYPE
TO-220AB
TO-220AB
TO-220AB
TO-220AB
TO-220AB
TO-220AB
Standard
Snubberless
Standard
Snubberless
Logic level
Logic level
V
V
V
V
V
V
V
V
V
V
V
V
SEMICONDUCTOR
6T Series RoHS
RoHS
800 V
V
V
V
V
V
V
THERMAL RESISTANCE
Rth(j-c)
Junction to case (AC)
Rth(j-a)
Junction to ambient
2.7
60
°C/W
°C/W
UNIT
VALUE
SYMBOL
TO-220AB, TO-251, TO-252
TO-220AB Insulated
TO-220AB, TO-251, TO-252
TO-220AB Insulated
1.8
50 mA
50 mA
35 mA
35 mA
10 mA
10 mA
6TxxF-BW
6TxxG-BW
6TxxF-CW
6TxxG-CW
6TxxF-SW
6TxxG-SW
D-PAK
Snubberless
Snubberless
Logic level
Logic level
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
50 mA
50 mA
25 mA
25 mA
6TxxF-B
6TxxG-B
6TxxF-C
6TxxG-C
Standard
V
V
V
V
V
V
V
V
V
V
V
V
Snubberless
Snubberless
Standard
Standard
Standard
I-PAK
D-PAK
I-PAK
D-PAK
I-PAK
D-PAK
I-PAK
D-PAK
I-PAK
ORDERING INFORMATION
6TxxA-yy
6TxxA-yy
ORDERING TYPE
MARKING
PACKAGE
WEIGHT
,
BASE Q TY
DELIVERY MODE
TO-220AB
2.0g
50
Tube
6TxxAI-yy
6TxxAI-yy
2.3g
50
Tube
6TxxF-yy
6TxxF-yy
TO-251(I-PAK)
0.40g
80
6TxxG-yy
6TxxG-yy
0.38g
80
Tube
Note: xx = voltage, yy = sensitivity
TO-252(D-PAK)
TO-220AB (insulated)
Tube


Similar Part No. - 6T10G-SW

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
6T100AXB MARATHON-6T100AXB Datasheet
353Kb / 3P
   Approved for 200,000 Amp Withstand Rating
10/27/2023
More results

Similar Description - 6T10G-SW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
   TRIACs, 8A Snubberless, Logic Level and Standard
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
   TRIACs, 4A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com