Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50PT12SM Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 50PT12SM
Description  Medium Power Thyristors (Stud Version), 50A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

50PT12SM Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  50PT12SM Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 50PT12SM Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 50PT12SM Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 50PT12SM Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 50PT12SM Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 50PT12SM Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 50PT12SM Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3 of 7
www.nellsemi.com
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
SWITCHING
Maximum rate of rise
of turned-on current
A/
µs
150
Typical delay time
0.9
µs
Typical turn-off time
110
BLOCKING
Maximum critical rate of rise
of off-state voltage
dV/dt
V/µs
1000
T =
c
dIr/dt = - 10 A/µs, V = 50V
R
125 °C
PARAMETER
SYMBOL
UNITS
TEST CONDITIONS
VALUES
T = 25 °C,
c
Gate pulse = 10V, 15Ω source, t = 20µs
p
circuit
T = 125 °C
µs
C
I = 0.3A, dI /dt = 0.3 A/µs
G
G
, V
= 2/3 V
, t = 200
DM
DRM
P
dl/dt
td
tq
PARAMETER
SYMBOL
UNITS
TEST CONDITIONS
VALUES
T = 125°C,V =2/3 V
, gate open
J
D
DRM
V
= Rated V
, I
= 10 A dc resistive
DM
DRM
TM
,
ITM = 50A, reapplied dV/dt = 20 V/µs
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
10
Maximum average gate power
PG(AV)
2.5
W
Maximum peak positive gate current
IGM
2.5
A
Maximum peak positive gate voltage
+VGM
20
V
250
100
DC gate current required to trigger
IGT
Maximum required gate trigger
current/voltage are the lowest
value which will trigger all units
6 V anode to cathode applied
50
mA
3.5
2.0
DC gate voltage required to trigger
VGT
V
DC gate current not to trigger
IGD
5.0
mA
DC gate voltage not to trigger
VGD
0.2
V
T = T maximum, t ≤ 5 ms
J
J
p
T = -40°C
J
T = 25°C
J
T = 125°C
J
T = -40°C
J
T = 25°C
J
T = T maximum,
J
J
Maximum gate current/voltage
not to trigger is the maximum
value which will not trigger any
unit with rated V
anode to
DRM
cathode applied
T = T maximum,
J
J
THERMAL AND MECHANICAL SPECIFCATIONS
PARAMETER
SYMBOL
UNITS
TEST CONDITIONS
VALUES
Maximum operating junction
and storage temperature range
- 40 to125
ºC
0.25
K/W
Maximum thermal resistace,
junction to case
Maximum thermal resistance
case to heatsink
0.35
(20)
16
0.56
(lbf · in)
N · m
Allowable mounting torque
Approximate weight
Case style
TO-208AC (TO-65)
T ,
J Tstg
RthJC
RthCS
(lbf · in)
N · m
g
oz.
Not-lubricated threads
Lubricated threads
Mounting surface, smooth, flat and greased
DC operation
See dimensions - link at the end of datasheet
(30)
3.4
+0
-10%
2.3
+0
-10%
-VGM
Maximum peak negative gate voltage
V
= Rated value
DRM
10
50PTS Series


Similar Part No. - 50PT12SM

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
50PT1050BX BOTHHAND-50PT1050BX Datasheet
336Kb / 1P
   50 PIN DIP ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
50PT1051AX BOTHHAND-50PT1051AX Datasheet
290Kb / 1P
   50 PIN DIP ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
50PT1051AXLF BOTHHAND-50PT1051AXLF Datasheet
298Kb / 1P
   50 PIN DIP ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
50PT1150AX BOTHHAND-50PT1150AX Datasheet
280Kb / 1P
   50 PIN DIP ETHERNET 10/100 BASE-TX HIGH SPEED LAN MAGNETICS
More results

Similar Description - 50PT12SM

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
25PT12SM NELLSEMI-25PT12SM Datasheet
837Kb / 6P
   Medium Power Thyristors (Stud Version), 25A
logo
Vishay Siliconix
22RIA VISHAY-22RIA Datasheet
152Kb / 8P
   Medium Power Thyristors (Stud Version), 22 A
Revision: 19-Sep-08
25RIA VISHAY-25RIA Datasheet
154Kb / 8P
   Medium Power Thyristors (Stud Version), 25 A
Revision: 19-Sep-08
50RIA VISHAY-50RIA Datasheet
150Kb / 7P
   Medium Power Thyristors (Stud Version), 50 A
Revision: 19-Sep-08
10RIA VISHAY-10RIA Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 10 A
Revision: 06-Jun-08
16RIA VISHAY-16RIA Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 16 A
Revision: 19-Sep-08
VS-22RIA VISHAY-VS-22RIA_V01 Datasheet
190Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 22 A
01-Jan-2022
VS-10RIA VISHAY-VS-10RIA_V01 Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 10 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
01-Jan-2022
VS-16RIA VISHAY-VS-16RIA_V01 Datasheet
188Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 16 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com