Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40DR12M Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # 40DR12M
Description  Glass Passivated Standard Recovery Diodes (Stud Version), 40A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

40DR12M Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  40DR12M Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 40DR12M Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 40DR12M Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 40DR12M Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 40DR12M Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 40DR12M Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
N
High Power Products
ell
40D(R)Series
ORDERING INFORMATION TABLE
1
-
Currentrating:Code=IF(AV)
2
-
D=Standardrecoverydevice
3
-
None=Studnormalpolarity (cathode tostud)
4
R=Studreversepolarity(anodetostud)
Devicecode
D
M
40
R
12
1
2
3
4
5
5
-
×
Voltagecode
100=V
(see VoltageRatings table)
RRM
-
None=Studbase DO-203AB(DO-5)1/4”-28UNF-2A
×
M=Studbase DO-230AB(DO-5)M6 1.0
19(0.75)
1/4” 28UNF-2A
Formetricdevices:M6 1.0
×
(0.24/0.26)
Ø15(Ø0.6)
6.1/6.7
Ø4.3(Ø01.7)
(0.03/0.06)
0.9/1.5
Page6of6


Similar Part No. - 40DR12M

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
40DR12 NELLSEMI-40DR12 Datasheet
197Kb / 7P
   Glass Passivated Standard Recovery Diodes
More results

Similar Description - 40DR12M

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
85DR12M NELLSEMI-85DR12M Datasheet
576Kb / 6P
   Glass Passivated Standard Recovery Diodes (Stud Version), 85A
12DR12M NELLSEMI-12DR12M Datasheet
182Kb / 5P
   Glass Passivated Standard Recovery Diodes (Stud Version), 12A
25DR12M NELLSEMI-25DR12M Datasheet
540Kb / 5P
   Glass Passivated Standard Recovery Diodes (Stud Version), 25A
16DR12M NELLSEMI-16DR12M Datasheet
185Kb / 5P
   Glass Passivated Standard Recovery Diodes (Stud Version), 16A
40FDR06A NELLSEMI-40FDR06A Datasheet
703Kb / 6P
   Fast Recovery Diodes (Stud Version), 40A
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com