Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4PT06G-S Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 4PT06G-S
Description  Sensitive gate SCRs, 4A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

4PT06G-S Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  4PT06G-S Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 4PT06G-S Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 4PT06G-S Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 4PT06G-S Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 4PT06G-S Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 4PT06G-S Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page3of6
SEMICONDUCTOR
RoHS
RoHS
4PTSeries
ORDERING INFORMATION SCHEME
SCR series
Packagetype
Current
VoltageCode
IGT Sensitivity
A
TO-220AB(non-insulated)
=
AI
TO-220AB(insulated)
=
4=4A,IT(RMS)
03=10~30µA
4 PT 06
- S
06=600V
F=TO-251(I-PAK)
G=TO-252(D-PAK)
08=800V
Fig.
Maximum average power dissipation versus
1
-
on state current
Fig.2 Average and DC on-state current versus
case temperature
α
=180°
I
(A)
T(AV)
360°
α
P W
(
)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0
25
50
75
100
125
α
=180°
DC
Tcase(°C)
I
(A)
T(AV)
0.5
0.0
www.nellsemi.com
ORDERING INFORMATION
4PTxxA-yy
4PTxxA-yy
ORDERING TYPE
MARKING
PACKAGE
WEIGHT
BASE Q
,
TY
DELIVERY MODE
TO-220AB
2.0g
50
Tube
4PTxxAI-yy
4PTxxAI-yy
2.3g
50
Tube
4PTxxF-yy
4PTxxF-yy
TO-251(I-PAK)
0.40g
80
4PTxxG-yy
4PTxxG-yy
0.38g
80
Tube
TO-252(D-PAK)
TO-220AB(insulated)
Tube
05=20~50µA
06=30~60µA
08=50~80µA
S=70~200µA
TO-220AB
Insulated
TO-251/TO-252
TO-220AB
Note: xx
voltage yy
sensitivity
=
,
=


Similar Part No. - 4PT06G-S

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT06G-S NELLSEMI-4PT06G-S Datasheet
758Kb / 7P
   Sensitive gate SCRs
More results

Similar Description - 4PT06G-S

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT NELLSEMI-4PT_14 Datasheet
475Kb / 7P
   Sensitive gate SCRs, 4A
logo
JIEJIE MICROELECTRONICS...
JX04 JIEJIE-JX04 Datasheet
461Kb / 4P
   4A SENSITIVE SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com