Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

10T08AC Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part No. 10T08AC
Description  TRIACs, 10A Snubberless and Standard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

10T08AC Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  10T08AC Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 10T08AC Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 10T08AC Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 10T08AC Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 10T08AC Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 10T08AC Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRODUCT SELECTOR
PART NUMBER
VOLTAGE (x x)
SENSITIVITY
PACKAGE
600 V
50 mA
50 mA
25 mA
35 mA
1000 V
10TxxA-B/10TxxAl-B
10TxxA-BW/10TxxAl-BW
10TxxA-C/10TxxAl-C
10TxxA-CW/10TxxAl-CW
TYPE
TO-220AB
TO-220AB
TO-220AB
TO-220AB
Standard
Snubberless
Standard
Snubberless
V
V
V
V
V
V
V
V
SEMICONDUCTOR
10T Series RoHS
RoHS
800 V
V
V
V
V
THERMAL RESISTANCE
Rth(j-c)
Junction to case (AC)
Rth(j-a)
Junction to ambient
2.4
60
°C/W
°C/W
UNIT
VALUE
SYMBOL
TO-220AB
TO-220AB Insulated
TO-220AB
TO-220AB Insulated
1.5
ORDERING INFORMATION SCHEME
Triac series
Current
Voltage
10 = 10A
06 = 600V
08 = 800V
B = 50mA Standard
C = 25mA Standard
10 T 06
A - BW
Package type
10 = 1000V
A = TO-220AB (non-insulated)
AI = TO-220AB ( insulated)
I
Sensitivity
GT
Page 3 of 6
www.nellsemi.com
Note: xx = voltage, yy = sensitivity
ORDERING INFORMATION
10TxxA-yy
10TxxA-yy
ORDERING TYPE
MARKING
PACKAGE
WEIGHT
,
BASE Q TY
DELIVERY MODE
TO-220AB
2.0g
50
Tube
10TxxAI-yy
10TxxAI-yy
2.3g
50
Tube
TO-220AB (insulated)
BW = 50mA Standard
CW = 35mA Standard


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn