Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH608 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. SFH608
Description  PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH608 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SFH608 Datasheet HTML 1Page - Siemens Semiconductor Group SFH608 Datasheet HTML 2Page - Siemens Semiconductor Group SFH608 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5–3
SFH608
Figure 8. Output characteristics
(typ.) TA=25°C, ICE=f(VCE, IF)
Figure 9. Permissible forward current
diode IF=f(TA)
Figure 10. Permissible power dissi-
pation PTOT=f(TA)
Figure 11. Transistor capacitance
(typ.) TA=25°C, f=1 MHz, CCE=f(VCE)
CCB=f (VCB), CEB=f (VEB)
Figure 12. Collector-emitter leakage
current IF=0, VCE=10 V, ICEO=f(TA)
Figure 5. Diode forward voltage (typ.)
TA=25°C, VF=f(IF)
Figure 6. Diode forward voltage (typ.)
IF =1 mA, VF=f(TA)
Figure 7. Output characteristics (typ.)
TA=25°C, ICE=f(VCE, IB)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn