Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH608 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. SFH608
Description  PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH608 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SFH608 Datasheet HTML 1Page - Siemens Semiconductor Group SFH608 Datasheet HTML 2Page - Siemens Semiconductor Group SFH608 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5–2
SFH608
Characteristics (TA=25°C, unless otherwise specified)
Figure 1. Schematic
IC=2 mA (to adjust by IF), RL=100 Ω, TA=25°C, VCC=5 V
Symbol
Typ
Unit
Condition
Emitter
Forward Voltage
VF
1.1 (
≤ 1.5)
V
IF=5 mA
Reverse Voltage
VR
(
≥ 6)
V
IR= 10 µA
Reverse Current
IR
0.01 (
≤ 10)
µAV
R=6 V
Capacitance
CO
25
pF
VR=0 V, f=1 MHz
Thermal Resistance
RthJA
1070
K/W
Detector
Voltage, Collector-Emitter
VCEO
≥ 55
V
ICE=10 µA
Voltage, Emitter-Base
VBEO
≥ 7V
IEB=10 µA
Capacitance
CCE
10
pF
VCE=5 V, f=1 MHz
Capacitance
CCB
16
pF
VCE=5 V, f=1 MHz
Capacitance
CEB
10
pF
VCE=5 V, f=1 MHz
Thermal Resistance
RthJA
500
K/W
Package
Coupling Capacitance
CC
0.60
pF
Coupling Transfer Ratio
SFH 608-2
SFH 608-3
SFH 608-4
SFH 608-5
IC/IF
IC/IF
IC/IF
IC/IF
63-125
75 (
≥ 32)
100-200
120 (
≥ 50)
160-320
200 (
≥ 80)
250-500
300 (
≥ 125)
%
%
%
%
%
%
%
%
IF=1 mA, VCE=0.5 V
IF=0.5 mA, VCE=1.5 V
IF=1 mA, VCE=0.5 V
IF=0.5 mA, VCE=1.5 V
IF=1 mA, VCE=0.5 V
IF=0.5 mA, VCE=1.5 V
IF=1 mA, VCE=0.5 V
IF=0.5 mA, VCE=1.5 V
Saturation Voltage,
Collector-Emitter
SFH 608-2
SFH 608-3
SFH 608-4
SFH 608-5
VCEsat
VCEsat
VCEsat
VCEsat
0.25 (
≤ 0.4)
0.25 (
≤ 0.4)
0.25 (
≤ 0.4)
0.25 (
≤ 0.4)
V
V
V
V
IC=0.32 mA, IF=1 mA
IC= 0.5 mA, IF=1 mA
IC= 0.8 mA, IF=1 mA
IC=1.25 mA, IF=1 mA
Leakage Current,
Collector-Emitter
ICEO
10 (
≤ 200)
nA
VCE=10 V
Description
Symbol
Values
Unit
Turn-On Time
tON
8
µs
Rise Time
tR
5
µs
Turn-Off Time
tOFF
7.5
µs
Fall Time
tF
7
µs
I
F
47
R
L
I
C
V
CC
Figure 2. Switching times TA=25°C,
IF=1 mA, VCC=5 V, tON, tR, tOFF, tF, =f(RL)
Figure 3. Current transfer ratio (typ.)
VCE=0.5 V, CTR=f(TA, IF)
Figure 4. Current transfer ratio (typ.)
VCE=1.5 V, CTR=f(TA, IF)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn