Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH608 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. SFH608
Description  PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH608 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SFH608 Datasheet HTML 1Page - Siemens Semiconductor Group SFH608 Datasheet HTML 2Page - Siemens Semiconductor Group SFH608 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5–1
FEATURES
• Very High CTR at IF=1 mA, VCE=0.5 V
- SFH608-2, 63-125%
- SFH608-3, 100-200%
- SFH608-4, 160-320%
- SFH608-5, 250-500%
• Specified Minimum CTR at IF=0.5 mA,
VCE=1.5 V: ≥ 32% (typ. 120%)
• Good CTR Linearity with Forward Current
• Low CTR Degradation
• High Collector-Emitter Voltage VCEO=55 V
• Isolation Test Voltage: 5300 VACRMS
• Low Current Input
• Low Coupling Capacitance
• High Common Mode Transient Immunity
• Phototransistor Optocoupler in 6 Pin DIP
Package
• Field Effect Stable: TRIOS*
VDE 0884 Available with Option 1
• Underwriters Lab File #E52744
• Applications
- Telecommunications
- Industrial Controls
- Office Machines
- Microprocessor System Interfaces
DESCRIPTION
The SFH 608 is an optocoupler designed for high
current transfer ratio at low input currents with the
output transistor saturated. This makes the device
ideal for low current switching applications. The
SFH608 is packaged in a six pin plastic DIP.
*TRIOS—TRansparent IOn Shield
V
DE
Maximum Ratings (TA=25°C)
Emitter
Reverse Voltage ...................................................................................6 V
DC Forward Current ........................................................................50 mA
Surge Forward Current (tp
≤10 µs) ................................................... 2.5 A
Total Power Dissipation ................................................................. 70 mW
Detector
Collector-Emitter Voltage .................................................................. 55 V
Collector-Base Voltage .......................................................................55 V
Emitter-Base Voltage ..........................................................................7 V
Collector Current ............................................................................ 50 mA
Surge Collector Current (tp
≤1 ms) ................................................100 mA
Total Power Dissipation ............................................................... 150 mW
Isolation Test Voltage (between emitter and detector, refer
to climate DIN 40046 part 2 Nov. 74) (t=1 sec.).............. 5300 VACRMS
Creepage
................................................................................................. ≥7 mm
Clearance
................................................................................................. ≥7 mm
Comparative Tracking Index
per DIN IEC 112/VDE 0303, part1 ................................................... 175
Isolation Resistance
VIO=500 V, TA=25°C......................................................................... ≥10
12
VIO=500 V, TA=100°C.......................................................................≥10
11
Storage Temperature Range .......................................... -55
°C to +150°C
Operating Temperature Range....................................... -55
°C to +100°C
Junction Temperature...................................................................... 100
°C
Soldering Temperature (max. 10 sec., dip soldering:
distance to seating plane
≥1.5 mm) .............................................260°C
Dimensions in inches (mm)
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
Pin One ID
6
5
4
1
2
3
18
° typ.
.300 (7.62)
.347 (8.82)
4
°
typ.
1
2
3
6
5
4
Base
Collector
Emitter
Anode
Cathode
NC
SFH 608
PHOTOTRANSISTOR, 5.3 KV, TRIOS®
LOW CURRENT
OPTOCOUPLER


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn