Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10T08AB Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 10T08AB
Description  TRIACs, 10A Snubberless and Standard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

10T08AB Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  10T08AB Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 10T08AB Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 10T08AB Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 10T08AB Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 10T08AB Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 10T08AB Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
I
,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C ]
GT H L
j
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
0
1
2
3
4
5
6
(dI/dt)c [T ] /
pecified]
j
(dI/dt)c [T s
j
SEMICONDUCTOR
10T Series RoHS
RoHS
Fig.7 Relative variation of gate trigger current,holding
current and latching current versus junction
temperature (typical values)
Fig.8 Relative variation of critical rate of decrease
of main current versus (dV/dt)c (typical values)
Fig.9 Relative variation of critical rate of decrease of
main current versus junction temperature
Page 5 of 6
lGT
I &I
H
L
T (°C)
j
C
B
BW/CW
(dV/dt)c (V/µs)
T (°C)
j
0
25
50
75
100
125
www.nellsemi.com


Similar Part No. - 10T08AB

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
10T0030 NJSEMI-10T0030 Datasheet
59Kb / 1P
   Schottky Rectifiers
10T0030 NJSEMI-10T0030 Datasheet
59Kb / 1P
   Schottky Rectifiers
10T0030 NJSEMI-10T0030 Datasheet
59Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 10T08AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA24 STMICROELECTRONICS-BTA24_07 Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
BTA26-700BRG STMICROELECTRONICS-BTA26-700BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless??triacs
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
   25 A standard and Snubberless??triacs
July 2007 Rev 10
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
logo
Nell Semiconductor Co.,...
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
   TRIACs, 4A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
   TRIACs, 6A Snubberless, Logic Level and Standard
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
   TRIACs, 8A Snubberless, Logic Level and Standard
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com