Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4PT06G-03 Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # 4PT06G-03
Description  Sensitive gate SCRs, 4A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

4PT06G-03 Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  4PT06G-03 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 4PT06G-03 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 4PT06G-03 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 4PT06G-03 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 4PT06G-03 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 4PT06G-03 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
4PTSeries
RoHS
1
2
2
3
1.14(0.045)
0.89(0.035)
0.76(0.030)
2.28(0.090)
4.57(0.180)
0.64(0.025)
6.4(0.251)
6.6(0.259)
5.4(0.212)
5.2(0.204)
1.5(0.059)
1.37(0.054)
9.35(0.368)
10.1(0.397)
2.4(0.095)
2.2(0.086)
0.62(0.024)
0.48(0.019)
6.2(0.244)
6(0.236)
0.62(0.024)
0.45(0.017)
TO-252
(D-PAK)
CaseStyle
Page6of6
(G)3
1(A1)
(A2)
2
www.nellsemi.com
4T
6.4(0.52)
6.6(0.26)
5.2(0.204)
5.4(0.212)
1.5(0.059)
1.37(0.054)
9.4(0.37)
9(0.354)
16.3(0.641)
15.9(0.626)
4.6(0.181)
4.4(0.173)
0.85(0.033)
0.76(0.03)
0.65(0.026)
0.55(0.021)
1.9(0.075)
1.8(0.071)
2.4(0.095)
2.2(0.086)
0.62(0.024)
0.48(0.019)
0.62(0.024)
0.45(0.017)
6.2(0.244)
6(0.236)
TO-251
(I-PAK)
2.87 (0.113)
2.62(0.103)
9.40(0.370)
9.14(0.360)
10.54(0.415)
.
MAX
16.13(0.635)
15.87 (0.625)
PIN
4.06(0.160)
3.56(0.140)
1.45(0.057)
1.14(0.045)
2.67(0.105)
2.41(0.095)
2.65(0.104)
2.45(0.096)
5.20(0.205)
4.95(0.195)
0.90(0.035)
0.70(0.028)
3.91(0.154)
3.74(0.148)
1
3
2
4.70(0.185)
4.44 0.1754
(
)
1.39(0.055)
1.14 (0.045)
3.68(0.145)
3.43(0.135)
8.89(0.350)
8.38(0.330)
29.16(1.148)
28.40 (1.118)
14.22(0.560)
13.46(0.530)
0.56(0.022)
0.36(0.014)
2.79(0.110)
2.54(0.100)
15.32(0.603)
14.55(0.573)
TO-220AB


Similar Part No. - 4PT06G-03

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT06G-03 NELLSEMI-4PT06G-03 Datasheet
758Kb / 7P
   Sensitive gate SCRs
More results

Similar Description - 4PT06G-03

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT NELLSEMI-4PT_14 Datasheet
475Kb / 7P
   Sensitive gate SCRs, 4A
logo
JIEJIE MICROELECTRONICS...
JX04 JIEJIE-JX04 Datasheet
461Kb / 4P
   4A SENSITIVE SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com