Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4PT06G-03 Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # 4PT06G-03
Description  Sensitive gate SCRs, 4A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

4PT06G-03 Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  4PT06G-03 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 4PT06G-03 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 4PT06G-03 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 4PT06G-03 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 4PT06G-03 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 4PT06G-03 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page5of6
0
20
40
60
80
100
4PTSeries
0.1
0
0.5
1.0
1.5
2.0
3.0
2.5
3.5
4.0
0.0
1.0
10.0
50.0
0
2
4
6
V
(V)
TM
Tj=25 C
°
Tj=max
Tjmax
V =0.85V
t0
Rd=90mΩ
I
(A)
TM
R (j-a)( C/W)
th
°
S(cm²)
EpoxyprintedcircuitboardFR4
copperthickness=35µm
Fig.11 On-state characteristics (maximum
values)
Fig.12 Thermal resistance junction to ambient
versuscoppersurfaceundertab(DPAK)
8
10
12
14
16
18
20
RoHS
www.nellsemi.com
0
5
10
1
10
100
1000
Nonrepetitive
Tjinital=25°C
Repetitive
Tc=115°C
Numberofcycles
15
20
25
30
35
tp=10ms
Onecycle
Fig.9 Surge peak on-state current versus
numberofctcles
I
(A)
TSM
Tjinital=25 C
°
ITSM
I²t
tp(ms)
Sinusoidalpulsewith
width<10ms
0.01
0.10
1.00
10.00
1
10
100
300
I
(A),I²t(A²s)
TSM
Fig.10 Non-repetitive surge peak on-state
current,andcorrespondingvalues
ofl²t
dI/dtIimitation


Similar Part No. - 4PT06G-03

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT06G-03 NELLSEMI-4PT06G-03 Datasheet
758Kb / 7P
   Sensitive gate SCRs
More results

Similar Description - 4PT06G-03

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT NELLSEMI-4PT_14 Datasheet
475Kb / 7P
   Sensitive gate SCRs, 4A
logo
JIEJIE MICROELECTRONICS...
JX04 JIEJIE-JX04 Datasheet
461Kb / 4P
   4A SENSITIVE SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com