Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH601 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. SFH601
Description  TRIOS PHOTOTRANSISTOR OPTOCOUPLER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH601 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SFH601 Datasheet HTML 1Page - Siemens Semiconductor Group SFH601 Datasheet HTML 2Page - Siemens Semiconductor Group SFH601 Datasheet HTML 3Page - Siemens Semiconductor Group SFH601 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5–4
SFH601
Figure 15. Saturation voltage versus
collector current and modulation
depth SFH601-3 VCEsat=f (IC) (TA=25°C)
Figure 16. Saturation voltage versus
collector current and modulation
depth SFH601-4 VCEsat=f (IC) (TA=25°C)
Figure 17. Permissible pulse load
D=parameter, TA=25°C, IF=f (tp)
Figure 18. Permissible power dissi-
pation for transistor and diode
Ptot=f (TA)
Figure 19. Permissible forward cur-
rent diode Ptot=f (TA)
Figure 20. Transistor capacitance
C=f(VO) (TA=25°C, f=1 MHz)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SFH640PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
SFH600TRIOS PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 4 Siemens Semiconductor Group
SFH608PHOTOTRANSISTOR 5.3 KV TRIOS LOW CURRENT OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
SFH618APhototransistor 5.3 kV TRIOS Low Current Input Optocoupler 1 2 3 4 Vishay Siliconix
K817POptocoupler Phototransistor Output 1 2 3 4 5 MoreVishay Siliconix
MCT9001DUAL PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 4 QT Optoelectronics
IL215APHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
ILD610DUAL PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
SFH600-0PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 4 Siemens Semiconductor Group
MXP1158Phototransistor Optocoupler 1 Microsemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn