Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH601 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. SFH601
Description  TRIOS PHOTOTRANSISTOR OPTOCOUPLER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH601 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SFH601 Datasheet HTML 1Page - Siemens Semiconductor Group SFH601 Datasheet HTML 2Page - Siemens Semiconductor Group SFH601 Datasheet HTML 3Page - Siemens Semiconductor Group SFH601 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5–3
SFH601
Figure 6. Current transfer ratio versus
diode current (TA=50°C) VCE=5 V,
IC/IF=f (IF)
Figure 7. Current transfer ratio versus
diode current (TA=75°C, VCE=5 V)
IC/IF=f (IF)
Figure 8. Current transfer ratio versus
temperature (IF=10 mA, VCE=5 V)
IC/IF=f(T)
Figure 9. Transistor characteristics
(HFE =550) IC=f(VCE) (TA=25°C, IF=0)
Figure 10. Output characteristics
IC=f(VCE)(TA=25°C)
Figure 11. Forward voltage VF=f (IF)
Figure 12. Collector emitter off-state
current ICEO=f (V, T) (TA=25°C, IF=0)
Figure 13. Saturation voltage versus
collector current and modulation
depthSFH601-1 VCEsat=f (IC) (TA=25°C)
Figure 14. Saturation voltage versus
collector current and modulation
depthSFH601-2 VCEsat=f (IC) (TA=25°C)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SFH640PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
SFH600TRIOS PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 4 Siemens Semiconductor Group
SFH608PHOTOTRANSISTOR 5.3 KV TRIOS LOW CURRENT OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
SFH618APhototransistor 5.3 kV TRIOS Low Current Input Optocoupler 1 2 3 4 Vishay Siliconix
K817POptocoupler Phototransistor Output 1 2 3 4 5 MoreVishay Siliconix
MCT9001DUAL PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 4 QT Optoelectronics
IL215APHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
ILD610DUAL PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
SFH600-0PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 4 Siemens Semiconductor Group
MXP1158Phototransistor Optocoupler 1 Microsemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn