Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH601 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part No. SFH601
Description  TRIOS PHOTOTRANSISTOR OPTOCOUPLER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH601 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SFH601 Datasheet HTML 1Page - Siemens Semiconductor Group SFH601 Datasheet HTML 2Page - Siemens Semiconductor Group SFH601 Datasheet HTML 3Page - Siemens Semiconductor Group SFH601 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5–2
SFH601
Current Transfer Ratio and Collector-Emitter Leakage Current
by dash number
Figure 1. Linear operation (without saturation)
IF=10 mA, VCC=5 V, TA=25 °C, Typical
Figure 2. Switching operation (with saturation)
Typical
-0
-1
-2
-3
Unit
IC/IF at VCE=5 V
(IF=10 mA)
40-80
63-
125
100-
200
160-
320
%
IC/IF at VCE=5 V
(IF=1 mA)
30
(
>13)
45
(
>22)
70
(
>34)
90
(
>56)
%
Collector-Emitter
Leakage Current
(VCE=10 V)
(ICEO)
2 (
50)
2 (
50)
5 (
100)
5 (
100)
nA
Load Resistance
RL
75
Turn-On Time
tON
3.0
µs
Rise Time
tR
2.0
µs
Turn-Off Time
tOFF
2.3
µs
Fall Time
tf
2.0
µs
Cut-off Frequency
FCO
250
kHz
-1
(IF=20 mA)
-2 and -3
(IF=10 mA)
-4
(IF=5 mA)
Turn-On Time
tON
3.0
4.2
6.0
µs
Rise Time
tR
2.0
3.0
4.6
µs
Turn-Off Time
tOFF
18
23
25
µs
Fall Time
tF
11
14
15
µs
VCE-
SAT
0.25 (
≤0.4)
V
RL=75 Ω
VCC=5 V
IC
47
IF
IF
1 K
VCC=5 V
47
Figure 3. Current transfer ratio ver-
sus diode current
(TA=–25°C, VCE=5 V) IC/IF=f (IF)
Figure 4. Current transfer ratio ver-
sus diode current (TA=0°C, VCE=5 V)
IC/IF=f (IF)
Figure 5. Current transfer ratio ver-
sus diode current (TA=25°C, VCE=5
V)IC/IF=f (IF)


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SFH640PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
SFH600TRIOS PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 4 Siemens Semiconductor Group
SFH608PHOTOTRANSISTOR 5.3 KV TRIOS LOW CURRENT OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
SFH618APhototransistor 5.3 kV TRIOS Low Current Input Optocoupler 1 2 3 4 Vishay Siliconix
K817POptocoupler Phototransistor Output 1 2 3 4 5 MoreVishay Siliconix
MCT9001DUAL PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 4 QT Optoelectronics
IL215APHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
ILD610DUAL PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
SFH600-0PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 4 Siemens Semiconductor Group
MXP1158Phototransistor Optocoupler 1 Microsemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn