Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH601 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. SFH601
Description  TRIOS PHOTOTRANSISTOR OPTOCOUPLER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH601 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SFH601 Datasheet HTML 1Page - Siemens Semiconductor Group SFH601 Datasheet HTML 2Page - Siemens Semiconductor Group SFH601 Datasheet HTML 3Page - Siemens Semiconductor Group SFH601 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5–1
FEATURES
• High Current Transfer Ratios
SFH601-1, 40 to 80%
SFH601-2, 63 to 125%
SFH601-3 ,100 to 200%
SFH601-4, 160 to 320%
• Isolation Test Voltage (1 Sec.), 5300 VACRMS
• VCEsat 0.25 (
≤0.4) V, IF=10 mA, IC=2.5 mA
• Built to conform to VDE Requirements
• Highest Quality Premium Device
• Long Term Stability
• Storage Temperature, –55
∞ to +150∞C
• Underwriters Lab File #E52744
• CECC Approved
VDE 0884 Available with Option 1
DESCRIPTION
The SFH601 is an optocoupler with a Gallium Ars-
enide LED emitter which is optically coupled with a
silicon planar phototransistor detector. The compo-
nent is packeged in a plastic plug-in case 20 AB
DIN 41866.
The coupler transmits signals between two electri-
cally isolated circuits.
Maximum Ratings
Emitter
Reverse Voltage................................................. 6 V
DC Forward Current...................................... 60 mA
Surge Forward Current (tp=10 µs).................. 2.5 A
Total Power Dissipation.............................. 100 mW
Detector
Collector-Emitter Voltage .............................. 100 V
Emitter-Base Voltage ......................................... 7 V
Collector Current........................................... 50 mA
Collector Current (t=1 ms) .......................... 100 mA
Power Dissipation ...................................... 150 mW
Package
Isolation Test Voltage (between emitter and
detector referred to climate DIN 40046,
part 2, Nov. 74) (t=1 sec.) ..............5300 VACRMS
Creepage
........................................................... ≥7 mm
Clearance
.......................................................... ≥7 mm
Isolation Thickness between Emitter and
Detector
....................................................... ≥0.4 mm
Comparative Tracking Index per
DIN IEC 112/VDE0303, part 1........................175
Isolation Resistance
VIO=500 V, TA=25°C................................... ≥10
12
VIO=500 V, TA=100°C................................. ≥10
11
Storage Temperature Range........ –55
°C to +150°C
Ambient Temperature Range....... –55
°C to +100°C
Junction Temperature ....................................100
°C
Soldering Temperature (max. 10 s, dip soldering:
distance to seating plane
≥1.5 mm) ..........260°C
V
DE
Characteristics (TA=25°C)
*TRIOS—TRansparent IOn Shield
Symbol
Unit
Condition
Emitter
Forward Voltage
VF
1.25
(
≤1.65)
VIF=60 mA
Breakdown Voltage
VBR
≥6V
IR=10 µA
Reverse Current
IR
0.01 (
≤10)
µAV
R=6 V
Capacitance
CO
25
pF
VF=0 V, f=1 MHz
Thermal Resistance
RTHJamb
750
°C/W
Detector
Capacitance
Collector-Emitter
Collector-Base
Emitter-Base
CCE
CCB
CEB
6.8
8.5
11
pF
f=1 MHz
VCE=5 V
VCB=5 V
VEB=5 V
Thermal Resistance
RTHJamb
500
°C/W
Package
Saturation Voltage,
Collector-Emitter
VCEsat
0.25 (
≤0.4)
V
IF=10 mA,
IC=2.5 mA
Coupling Capacitance
CIO
0.6
pF
VI-O=0, f=1 MHz
Dimensions in inches (mm)
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
Pin One ID
6
5
4
1
2
3
18
° typ.
.300 (7.62)
.347 (8.82)
4
°
typ.
1
2
3
6
5
4
Base
Collector
Emitter
Anode
Cathode
NC
SFH601 SERIES
TRIOS®* PHOTOTRANSISTOR
OPTOCOUPLER
This document was created with FrameMaker 4.0.4


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SFH640PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
SFH600TRIOS PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 4 Siemens Semiconductor Group
SFH608PHOTOTRANSISTOR 5.3 KV TRIOS LOW CURRENT OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
SFH618APhototransistor 5.3 kV TRIOS Low Current Input Optocoupler 1 2 3 4 Vishay Siliconix
K817POptocoupler Phototransistor Output 1 2 3 4 5 MoreVishay Siliconix
MCT9001DUAL PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 4 QT Optoelectronics
IL215APHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
ILD610DUAL PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
SFH600-0PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 4 Siemens Semiconductor Group
MXP1158Phototransistor Optocoupler 1 Microsemi Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn