Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH507 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. SFH507
Description  IR-Empfanger fur Fernbedienungen fur kurze Burst IR-Receiver for Remote Control Systems for Short Burst
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH507 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SFH507 Datasheet HTML 1Page - Siemens Semiconductor Group SFH507 Datasheet HTML 2Page - Siemens Semiconductor Group SFH507 Datasheet HTML 3Page - Siemens Semiconductor Group SFH507 Datasheet HTML 4Page - Siemens Semiconductor Group SFH507 Datasheet HTML 5Page - Siemens Semiconductor Group SFH507 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Semiconductor Group
4
SFH 507
Figure 1 Externe Beschaltung
External circuit
Figure 2 Optisches Testsignal (IR-Diode SFH 415,
I
F = 0.5 A, N = 6 pulses, f = f0, T = 10 ms)
Optical test signal
OHF02197
2
3
1
SFH
>10 k
330
4.7
µF
µC
optional
*)
*)
+5V
GND
*) only necessary to suppress power supply disturbances
506/507
t pi
OHF00220
E
e
*)
t
T
t
O
V
V
OL
OH
V
*) N
po
t
6 Pulses is recommended for optimal function
2)
1)
t d
2) t
pi -
o
f
3/ < po
t
<6/
fo
+
pi
t
<
t d
<
4/
fo
1)
o
f
10/
_
<


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SHF5110 IR-Receiver for Remote Control Systems 1  2  3  4  5  More List of Unclassifed Manufacturers
SFH5110 IR-Receiver for Remote Control Systems 1  2  3  4  5  More Infineon Technologies AG
TSOP1130GL1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP1230RF1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP1530XG1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP1830 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP1830ST1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP2230UH1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP2830YA1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP4830ZC1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn