Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH507 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part No. SFH507
Description  IR-Empfanger fur Fernbedienungen fur kurze Burst IR-Receiver for Remote Control Systems for Short Burst
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH507 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SFH507 Datasheet HTML 1Page - Siemens Semiconductor Group SFH507 Datasheet HTML 2Page - Siemens Semiconductor Group SFH507 Datasheet HTML 3Page - Siemens Semiconductor Group SFH507 Datasheet HTML 4Page - Siemens Semiconductor Group SFH507 Datasheet HTML 5Page - Siemens Semiconductor Group SFH507 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SFH 507
Semiconductor Group
1
Typ
Type
Trägerfrequ.
Carrier
Frequency
kHz
Bestellnr.
Ordering Code
Typ
Type
Trägerfrequ.
Carrier
Frequency
kHz
Bestellnr.
Ordering Code
SFH 507-30
30
Q62702-P1701
SFH 507-38
38
Q62702-P1704
SFH 507-33
33
Q62702-P1702
SFH 507-40
40
Q62702-P1705
SFH 507-36
36
Q62702-P1703
SFH 507-56
56
Q62702-P1822
Wesentliche Merkmale
q Empfängermodul für Übertragungsprotokolle
mit kurzen Pulspaketen (
N
≥ 6 Pulse pro Bit)
q Fotodiode mit integriertem Verstärker
q Gehäuse schwarz eingefärbt: Verguß optimiert
für eine Wellenlänge von 950 nm
q Hohe Störsicherheit
q Geringe Stromaufnahme (0.5 mA typ.)
q 5 V Betriebsspannung
q Hohe Empfindlichkeit
q TTL und CMOS kompatibel
q Mögliche Datenübertragungsrate 2.4 kbit/s
(
N = 6, f
0 = 56 kHz)
Anwendungen
q Empfänger für IR-Fernsteuerungen
Features
q Receiver module for transmission codes
with short bursts (
N
≥ 6 pulses per bit)
q Photodiode with hybride integrated circuit
q Black epoxy resin: daylight filter optimized
for 950 nm
q High immunity against ambient light
q Low power consumption (0.5 mA typ.)
q 5 V supply voltage
q High sensitivity (internal shield case)
q TTL and CMOS compatibility
q 2.4 kbit/s data transmission possible
(
N = 6, f
0 = 56 kHz)
Applications
q IR-remote control preamplifier module
IR-Empfänger für Fernbedienungen (für kurze Burst)
IR-Receiver for Remote Control Systems (for Short Burst)
SFH 507
Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified.
GEX06910
V
OUT
GND
9.7
8.7
12.9
12.1
16.3
15.9
30.1
31.1
1.5
S
V
Surface not flat
0.8 max.
05.97


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SHF5110 IR-Receiver for Remote Control Systems 1  2  3  4  5  More List of Unclassifed Manufacturers
SFH5110 IR-Receiver for Remote Control Systems 1  2  3  4  5  More Infineon Technologies AG
TSOP1130GL1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP1230RF1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP1530XG1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP1830 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP1830ST1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP2230UH1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP2830YA1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix
TSOP4830ZC1 Photo Modules for PCM Remote Control Systems 1  2  3  4  5  More Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn