Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

559-1201-027F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 559-1201-027F
Description  559 Series Snap-in LED - .250??Mounting Hole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

559-1201-027F Datasheet(HTML) 2 Page - Dialight Corporation

  559-1201-027F Datasheet HTML 1Page - Dialight Corporation 559-1201-027F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.dialight.com
MDEL559CX001_A
Dialight reserves the right to make changes at any time in order to supply the best product possible. The most current version of this document will
always be available at: www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDEL559CX001.pdf
559 Series Snap-in LED - .250” Mounting Hole Panel Mount Indicators
Ordering Information
LED Code
Color
Peak
Wavelength
(nm)
Intensity
Typ. (mcd)
If Typ.
(mA)
Vf Typ.
(V)
Viewing
Angle
Max DC
Forward
Current (mA)
Type
Operating Temp
5501
Red
635
125
20
2.2
24
30
Non-Tinted Non-Diffused
-55°C to +100°C
5601
Yellow
565
120
20
2.3
24
30
Non-Tinted Non-Diffused
-20°C to +100°C
5701
Green
583
140
20
2.1
24
20
Non-Tinted Non-Diffused
-55°C to +100°C
5801
Orange
605
90
20
2.2
20
50
Non-Tinted Non-Diffused
-30°C to +85°C
5901
Yellow
592
3100
20
2
15
50
Non-Tinted Non-Diffused
-40°C to +100°C
6001
Blue
470
1500
20
3.6
30
30
Non-Tinted Non-Diffused
-30°C to +85°C
6101
Red
635
2100
20
1.9
15
50
Non-Tinted Non-Diffused
-40°C to +100°C
6201
Green
525
5000
20
3.5
30
30
Non-Tinted Non-Diffused
-30°C to +85°C
6301
Orange
609
4000
20
1.9
15
50
Non-Tinted Non-Diffused
-40°C to +100°C
6401
White
X=.31
Y=.32
2500
20
3.5
50
30
Non-Tinted Non-Diffused
-30°C to +85°C
1101
Red
635
2.3
2
1.7
50
7
Low current Diffused
-55°C to +100°C
1201
Yellow
583
1.8
2
1.9
50
7
Low current Diffused
-55°C to +100°C
1301
Green
565
1.8
2
1.8
50
7
Low current Diffused
-55°C to +100°C
2101
Red
650
6.3
10
2.2
50
20
Diffused
-25°C to +85°C
2201
Yellow
563
10
10
2.1
65
25
Diffused
-25°C to +85°C
2301
Green
585
29 @10
10/20 2.1 @20
50
20
Diffused
-55°C to +100°C
2501
Orange
600
7
10
1.9
60
30
Diffused
-55°C to +100°C
5101
Red
650
34
20
2.1
50
25
Diffused
-55°C to +100°C
5201
Yellow
563
34
20
2.2
50
25
Diffused
-55°C to +100°C
5301
Green
585
34
20
2.2
50
25
Diffused
-55°C to +100°C
5401
Orange
610
34
20
2.2
50
25
Diffused
-20°C to +85°C
0102
Red
635
8
10
5
60
7.5
5V Integral Resistor
-40°C to +85°C
0202
Green
565
8
12
5
60
7.5
5V Integral Resistor
-20°C to +85°C
0302
Yellow
583
8
10
5
60
7.5
5V Integral Resistor
-40°C to +85°C
0103
Red
635
8
13
12
60
15
12V Integral Resistor
-55°C to +100°C
0203
Green
565
8
13
12
60
15
12V Integral Resistor
-20°C to +85°C
0303
Yellow
583
8
13
12
60
15
12V Integral Resistor
-40°C to +85°C
5904
Yellow
592
3100
20
2
15
50
24V External Resistor
-30°C to +85°C
6104
Red
635
2100
20
20
15
50
24V External Resistor
-30°C to +85°C
6204
Green
525
5000
20
3.5
30
50
24V External Resistor
-30°C to +85°C
3001
Red/Green
660/565
90/40
20
1.8/2.1
60
40/30
2 leaded Bi-color
-55°C to +100°C
3101
Red/Green
660/565
90/40
20
1.8/2.1
60
40/30
2 leaded Bi-color
-55°C to +100°C
3201
Yellow/Green
585/565
12.6/19
20
2.1/2.1
50
20/30
2 leaded Bi-color
-55°C to +100°C
3501
Red/Green
635/565
5.0/8.0
10
2.1/2.3
65
30
3 leaded Bi-color
-20°C to +85°C
3601
Yellow/Green
583/565
20/20
10
1.6/1.6
65
30
3 leaded Bi-color
-20°C to +85°C
559- XXX X - 0 X
X F
LED Code
Wire Code
RoHS Compliant
Termination
Code
Wire
Code
Wire Type
0
Standard
2
PVC Free
Termination
Code
Termination
Type
1
Straight Terminals
3
24 AWG 6" wire leads
7
24 AWG 14" wire leads


Similar Part No. - 559-1201-027F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
559-1201-001F DIALIGHT-559-1201-001F Datasheet
104Kb / 2P
   Snap-in LED (.250' Mounting Hole) Panel Mount Indicators
559-1201-003F DIALIGHT-559-1201-003F Datasheet
104Kb / 2P
   Snap-in LED (.250' Mounting Hole) Panel Mount Indicators
559-1201-007F DIALIGHT-559-1201-007F Datasheet
104Kb / 2P
   Snap-in LED (.250' Mounting Hole) Panel Mount Indicators
More results

Similar Description - 559-1201-027F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-1101-001F DIALIGHT-559-1101-001F Datasheet
104Kb / 2P
   Snap-in LED (.250' Mounting Hole) Panel Mount Indicators
559-3001-001F DIALIGHT-559-3001-001F Datasheet
182Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
558-0102-001F DIALIGHT-558-0102-001F_12 Datasheet
145Kb / 2P
   558 Series Snap-in LED - .156??Mounting Hole
558-3001-001F DIALIGHT-558-3001-001F Datasheet
102Kb / 2P
   Snap-in LED - .156' Mounting Hole Panel Mount Indicators
515-0006F DIALIGHT-515-0006F Datasheet
199Kb / 1P
   3mm LED Snap-In Mounting Clip
logo
Delta Electronics, Inc.
06A2D DELTA-06A2D Datasheet
2Mb / 3P
   SNAP-IN MOUNTING
logo
ZF Friedrichshafen AG
E65 ZFSWITCHES-E65 Datasheet
357Kb / 3P
   Snap in mounting
logo
List of Unclassifed Man...
SK-1015 ETC2-SK-1015 Datasheet
128Kb / 1P
   SNAP-IN MOUNTING
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com