Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

01118-2234 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 01118-2234
Description  Mini-Mac??Applicator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

01118-2234 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  01118-2234 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/26/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
11-18-2234
Status:
Active
Description:
Mini-Mac™ Applicator
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T1101
Function
Crimp
Geographic Area
Global
Level of Automation
Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
Mini-Mac™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Applicator
Material Info
Old Part Number
MA60846A
Reference - Drawing Numbers
Application Tooling Documents
TM-638000029, TM-638000029CN, TM-638000029DE,
TM-638000029FR, TM-638000029IT,
TM-638000029JP, TM-638000029KR,
TM-638000029MY, TM-638000029PL,
TM-638000029RU, TM-638000029SK,
TM-638000029SP, TM-638000029TH,
TM-638000029TW, TM-638000029VN, TM-638000100,
TM-638000100SP
Sales Drawing
60846A
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T1101Series
Use With
Molex TM-2000™, 0638008300 , most
industry standard presses, or wire process
machines.
Application Tooling
| FAQ
Description
Product #
4.75mm Safe
Lock Terminal,
Quick Disconnect,
Female, 0.30mm
Tab Thickness, Wire
Range 16-20 AWG
(1.31-0.52mm²), Pre-
Tin Plated
0357181710
This document was generated on 03/26/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 01118-2234

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
01118-2130 MOLEX11-01118-2130 Datasheet
31Kb / 1P
   Mini-Mac??Applicator
More results

Similar Description - 01118-2234

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63891-1000 MOLEX11-63891-1000 Datasheet
42Kb / 1P
   Mini-Mac Applicator
63891-4000 MOLEX11-63891-4000 Datasheet
42Kb / 1P
   Mini-Mac Applicator
0638810100 MOLEX11-0638810100 Datasheet
41Kb / 1P
   Mini-Mac Applicator
0638815600 MOLEX11-0638815600 Datasheet
30Kb / 1P
   Mini-Mac Applicator
0638851500 MOLEX11-0638851500 Datasheet
64Kb / 1P
   Mini-Mac Applicator
0638939000 MOLEX11-0638939000 Datasheet
35Kb / 1P
   Mini-Mac Applicator
0638944000 MOLEX11-0638944000 Datasheet
35Kb / 1P
   Mini-Mac Applicator
0638852500 MOLEX11-0638852500 Datasheet
64Kb / 1P
   Mini-Mac Applicator
0638850200 MOLEX11-0638850200 Datasheet
64Kb / 1P
   Mini-Mac Applicator
0638851000 MOLEX11-0638851000 Datasheet
64Kb / 1P
   Mini-Mac Applicator
0638851900 MOLEX11-0638851900 Datasheet
64Kb / 1P
   Mini-Mac Applicator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com